Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYE18L256160BF-75 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYE18L256160BF-75
Description  DRAMs for Mobile Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYE18L256160BF-75 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYE18L256160BF-75 Datasheet HTML 5Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 6Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 7Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 8Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 9Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 10Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 11Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 12Page - Infineon Technologies AG HYE18L256160BF-75 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
HY[B/E]18L256160B[C/F]-7.5
256-Mbit Mobile-RAM
Overview
Data Sheet
9
V1.4, 2004-04-30
1.3
Description
The HY[B/E]18L256160B[C/F] is a high-speed CMOS, dynamic random-access memory containing
268,435,456
bits. It is internally configured as a quad-bank DRAM.
The HY[B/E]18L256160B[C/F] achieves high speed data transfer rates by employing a chip architecture that
prefetches multiple bits and then synchronizes the output data to the system clock. Read and write accesses are
burst-oriented; accesses start at a selected location and continue for a programmed number of locations (1, 2, 4,
8 or full page) in a programmed sequence.
The device operation is fully synchronous: all inputs are registered at the positive edge of CLK.
The HY[B/E]18L256160B[C/F] is especially designed for mobile applications. It operates from a 1.8V power
supply. Power consumption in self refresh mode is drastically reduced by an On-Chip Temperature Sensor
(OCTS); it can further be reduced by using the programmable Partial Array Self Refresh (PASR).
A conventional data-retaining Power-Down (PD) mode is available as well as a non-data-retaining Deep Power-
Down (DPD) mode.
The HY[B/E]18L256160B[C/F] is housed in a 54-ball P-VFBGA package. It is available in Commercial (0
°C to
70
°C) and Extended (-25 °C to +85 °C) temperature range.
Figure 2
Functional Block Diagram
CKE
CLK
CS
RAS
CAS
WE
13
Mode
Registers
13
Column Address
Counter / Latch
9
Bank 0
Memory Array
(8192 x 512 x 16)
Sense Amplifier
8192
IO Gating
DQM Mask Logic
Column
Decoder
9
15
A0-A12
BA0,BA1
16
DQ0-
DQ15
Data
Output
Reg.
Data
Input
Reg.
16
LDQM
UDQM
Bank 1
Bank 2
Bank 3
2
2
2
2


Similar Part No. - HYE18L256160BF-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE18L256160BF-7.5 INFINEON-HYE18L256160BF-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
More results

Similar Description - HYE18L256160BF-75

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18M256320CF QIMONDA-HYB18M256320CF Datasheet
1Mb / 26P
   DRAMs for Mobile Applications
logo
Infineon Technologies A...
HYB18L128160BF INFINEON-HYB18L128160BF Datasheet
1Mb / 53P
   DRAMs for Mobile Applications
V1.4, April 2004
logo
Qimonda AG
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L512320BF-7.5 QIMONDA-HYB18L512320BF-7.5 Datasheet
991Kb / 23P
   DRAMs for Mobile Applications 512-Mbit SDR Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
HYB18M1G320BF QIMONDA-HYB18M1G320BF Datasheet
3Mb / 62P
   DRAMs for Mobile Applications 1-Gbit x32 DDR Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com