Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPSC16H065C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPSC16H065C
Description  650 V power Schottky silicon carbide diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC16H065C Datasheet(HTML) 2 Page - STMicroelectronics

  STPSC16H065C Datasheet HTML 1Page - STMicroelectronics STPSC16H065C Datasheet HTML 2Page - STMicroelectronics STPSC16H065C Datasheet HTML 3Page - STMicroelectronics STPSC16H065C Datasheet HTML 4Page - STMicroelectronics STPSC16H065C Datasheet HTML 5Page - STMicroelectronics STPSC16H065C Datasheet HTML 6Page - STMicroelectronics STPSC16H065C Datasheet HTML 7Page - STMicroelectronics STPSC16H065C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
STPSC16H065C
2/8
DocID024810 Rev 5
1
Characteristics
When the diodes 1 and 2 are used simultaneously:
T
j(diode 1) = P(diode1) x Rth(j-c)(Per diode) + P(diode2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 1.35 x IF(AV) + 0.144 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values per diode at 25 °C unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
650
V
IF(RMS)
Forward rms current
22
A
IF(AV)
Average forward current
Tc = 140 °C
(1), DC
Per diode
8
A
Tc = 135 °C
(2), DC
Per device
16
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal, Tc = 25 °C
tp = 10 ms sinusoidal, Tc = 125 °C
tp = 10 µs square, Tc = 25 °C
75
69
420
A
IFRM
Repetitive peak forward current
Tc = 140 °C
(1), T
j = 175 °C,  = 0.1
34
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Operating junction temperature(3)
-40 to +175
°C
1.
Value based on Rth(j-c) max (per diode)
2.
Value based on Rth(j-c) max (per device)
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a

--------------------------
Table 3. Thermal resistance parameters
Symbol
Parameter
Typ.
Max.
Unit
Rth(j-c)
Junction to case
Per diode
1.3
1.6
°C/W
Per device
0.8
0.95
Rth(c)
Coupling
-
0.3
Table 4. Static electrical characteristics (per diode)
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-7
80
µA
Tj = 150 °C
-
65
335
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 8A
-
1.56
1.75
V
Tj = 150 °C
-
1.98
2.5
1.
tp = 10 ms,  < 2%
2.
tp = 500 µs,  < 2%


Similar Part No. - STPSC16H065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC16H065A STMICROELECTRONICS-STPSC16H065A Datasheet
235Kb / 9P
   650 V power Schottky silicon carbide rectifier
October 2018 Rev 1
More results

Similar Description - STPSC16H065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
   650 V power Schottky silicon carbide diode
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
   650 V power Schottky silicon carbide diode
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
   650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
   650 V power Schottky silicon carbide diode
March 2021 Rev 2
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
   650 V power Schottky silicon carbide diode
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
   650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
   650 V power Schottky silicon carbide diode
December 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com