Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA41001B1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. FOA41001B1
Description  Semiconductor Solutions for High Speed Communi cation and Fiber OpticApplications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FOA41001B1 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FOA41001B1 Datasheet HTML 1Page - Infineon Technologies AG FOA41001B1 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOA4100/5100
P RO DU C T
B RIEF
Never
stop
think i ng.
Features
s
Compliant to the Optical
Internetworking Forum
(OIF)-Physical Layer Group's
OIF99.102 recommendation
s
Jitter performance compliant
with ITU-T and Bellcore
s
Internal low phase noise
LC-VCO
s
Differential input voltage
range: 40 mV - 800 mV
(pk-pk)
s
Two reference clock options:
155 MHz or 622 MHz
s
MUX only: Two receiver clock
modes, 311 MHz or 622 MHz
s
Adjustment of sampling
threshold and phase
s
Loss of lock detection
s
Tunable center frequency
from 9.95 GHz to 10.7 GHz
Typical Applications
s
Fiber optics telecom and
datacom applications
s
SONET/SDH OC-192/STM-64
with and without FEC
Main Advantages
s
Data rate from 9.95 Gbit/s
to 10.7 Gbit/s
s
Single supply voltage 3.3 V
s
Industry's lowest power
consumption of typical 2.5 W
for MUX and DEMUX Chipset
(1.2 W for MUX;
1.3 W for DEMUX)
s
Real differential LVDS
interface
(100
termination on-chip)
s
MUX only: advanced FIFO
architecture (±2.4 ns drift
tolerance at 9.95 Gbit/s)
FO A4 100/5 1 00
MUX/DEMUX
9. 95 - 10 . 7 Gb it/s, 3. 3 V
Semic o nduct o r So lution s f o r
High Speed C o mmu nic a tion
and Fiber Optic Ap plic ation s
FOA41001B1 16:1
Multiplexer with Clock Multiplication Unit Chip
MUX 9.95 - 10.7 Gbit/s, 3.3 V
FOA51001B1 1:16
Demultiplexer with Clock and Data Recovery Chip
DEMUX 9.95 - 10.7 Gbit/s, 3.3 V
The transceiver chipset (MUX + DEMUX) is compliant with the
Optical Internetworking Forum (OIF)-Physical Layer Group's
OIF99.102 recommendation. These devices offer differential inter-
faces at 622 Mbit/s without external components. The multiplexer
integrates a low noise LC VCO, meets Bellcore's OC-192 jitter
requirements and incorporates pseudo 8-Bit FIFO (First in, First out).
The companion FOA51001B1 10 Gbit/s 1:16 demultiplexer encom-
passes a complete CDR with high data system sensitivity to enhance
the system margin. Each device runs on a single 3.3 V power supply,
with consumption of approximately 1.25 W and incorporates an
integrated low noise Phase Locked Loop (PLL).
Packing
Type
MUX 16:1
MUX 16:1
Sales Code
FOA41001B1
FOA41002B1
Package
P-HBGA-92
Bare Die
DEMUX 1:16
DEMUX 1:16
FOA51001B1
FOA51002B1
P-HBGA-92
Bare Die


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn