Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA11002A1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. FOA11002A1
Description  Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA11002A1 Datasheet(HTML) 2 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P RO DU C T
B RIEF
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
81541 München
© Infineon Technologies AG 2002. All Rights Reserved.
Attention please!
The information herein is given to describe certain compo-
nents and shall not be considered as warranted character-
istics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but
not limited to warranties of non-infringement, regarding
circuits, descriptions and charts stated herein.
Infineon Technologies is an approved CECC manufacturer.
Information
For further information on technology, delivery terms and
conditions and prices please contact your nearest
Infineon Technologies Office in Germany or our
Infineon Technologies Representatives worldwide.
Warnings
Due to technical requirements components may contain dan-
gerous substances. For information on the types in question
please contact your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in
life-support devices or systems with the express written
approval of Infineon Technologies, if a failure of such com-
ponents can reasonably be expected to cause the failure of
that life-support device or system, or to affect the safety or
effectiveness of that device or system. Life support devices
or systems are intended to be implanted in the human
body, or to support and/or maintain and sustain and/or
protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be
endangered.
Published by Infineon Technologies AG
IN
30 nF
30 nF
50
DataOUT+
DataOUT-
50
CAP
GND
560 pF
FOA11002A
FIL
1 k
+5 V
VCC
MONI
Mirrored Photo Diode Current
QH
QL
FOA11002A1
Block Diagram
RBIAS
VCC
VREF
60
60
FOA11002A1
FIL
CAP
IN
VCC
GND
QH
QL
MONI
Application Example
Ordering No. B168-H7712-G1-X-7600
Printed in Germany
PS 1201.5
NB
TIA
FOA11002A1
Optional Serial CDR
CDR
FOA31002B1
PIN1)
DEMUX+CDR
FOA51001B1
Data
Processing
Laser Driver
FOA21002A1
MUX+CMU
FOA41001B1
Laser1)
Framer/
Mapper
FOAxxxx
One Chip
Transceiver
FOA6100xB1
10 Gbit/s
Chipset Overview


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn