Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA11002A1 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. FOA11002A1
Description  Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA11002A1 Datasheet(HTML) 1 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOA11002A1
P RO DU C T
B RIEF
Never
stop
think i ng.
Features
s
Input sensitivity: -18.0 dBm
electrical at BER = 10
-12
s
Transimpedance: 6 k
s
Overload: 0 dBm electrical
s
Single power supply: +5 V
s
Low power consumption:
170 mW
s
Internal DC compensation
loop increases dynamic
range
s
Internal bias generation for
PIN photo diode including
low-pass filter
s
Operates with PIN photo
diode or APD
s
Monitor output for mirrored
photodiode current
Typical Applications
s
Fiber optics telecom and
datacom applications
s
SONET/SDH OC-192/STM-64
with and without FEC
s
Preamplifier modules
s
Optical receiver modules
Main Advantages
s
Data rate from 9.95 Gbit to
10.7 Gbit/s up to 10.7 Gbit/s
Input sensitivity:
- 18.0 dBm at BER = 10
-12
s
Transimpedance: 6 k
s
High overload: 1.5 mA pp
maximum input current
s
Single power supply: +5 V
s
Low power consumption:
170 mW
s
Internal DC compensation
loop increases dynamic
range
s
Internal bias generation for
PIN photo diode including
low-pass filter
s
Operates with PIN photo
diode or APD
s
Monitor output for mirrored
photodiode current
s
Few external components
necessary
s
Small chip size of
0.97 x 0.97 mm
(available as bare die)
FO A1100 2 A1
T r an s i mpedanc e Amp l ifier
TIA 9. 95 - 10 . 7 Gbit/s, 5. 0 V
Semic o nduct o r So lution s f o r
High Speed C o mmu nic a tion
and Fiber Optic Ap plic ation s
The FOA11002A1 is the industry's lowest power
consuming STM64/OC-192 Transimpedance Amplifier
for SDH/SONET systems in Silicon Germanium technol-
ogy. This new device is a key component for future high
speed optical communication systems for regional, met-
ropolitan and backbone transport data networks at the
highest speeds up to 10.7 Gbit/s over one single fiber.
It is a member of the complete 10 Gbit/s chipset in the
Silicon Germanium technology.
Packing
Type
Sales Code
Package
TIA
FOA11002A
Bare die


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn