Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1028C1 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # S1028C1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S1028C1 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button S1028C1 Datasheet HTML 3Page - Infineon Technologies AG S1028C1 Datasheet HTML 4Page - Infineon Technologies AG S1028C1 Datasheet HTML 5Page - Infineon Technologies AG S1028C1 Datasheet HTML 6Page - Infineon Technologies AG S1028C1 Datasheet HTML 7Page - Infineon Technologies AG S1028C1 Datasheet HTML 8Page - Infineon Technologies AG S1028C1 Datasheet HTML 9Page - Infineon Technologies AG S1028C1 Datasheet HTML 10Page - Infineon Technologies AG S1028C1 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
FOA3251B1
S1028C1
Functional Description
Data Sheet
7
V1.0, 1999-08
2.2
Pin Definition and Function
7
Table 1
Pin Definition and Function
Pin
Symbol
Input (I)
Output (O)
Function
1
TESTCLK
In
Clock signal for test mode only
2TESTLOS
In
3
V
CC
4
V
CC
Can be open.
5
V
CC
Can be open.
6
V
CC
7
V
CC
In
Can be open.
8
PLL2 DN
Out
Inverted down signal from PLL2
9
PLL2 UP
Out
Inverted up signal from PLL2
10
V
F02
In
Control voltage for VCO2
11
V
CCLC
V
CC VCO2
12
V
EELC
V
EE VCO2
13
V
EE
14
V
EE
15
V
CC
16
V
CC
17
DATA TR
Out
Inverted recovered data signal
18
DATA TR
Out
Recovered data signal
19
V
CC
20
CLK TR
Out
Recovered clock signal
21
CLK TR
Out
Inverted recovered clock signal
22
V
CC
23
V
CC
24
V
CC
25
DELAY0
In
Delay select bit 0. (See Table 2)
26
DELAY1
In
Delay select bit 1. (See Table 2)
27
DELAY2
In
Delay select bit 2. (See Table 2)
28
V
CC


Similar Part No. - S1028C1

ManufacturerPart #DatasheetDescription
logo
C&K Components
S102 CK-COMPONENTS-S102 Datasheet
340Kb / 5P
   Slide Switches
S102 CK-COMPONENTS-S102 Datasheet
340Kb / 5P
   S Series Slide Switches
S102 CK-COMPONENTS-S102 Datasheet
679Kb / 5P
   Slide Switches
logo
List of Unclassifed Man...
S102-1G ETC2-S102-1G Datasheet
166Kb / 4P
   THERMAL DELAY SWITCHES
S102/1G ETC2-S102/1G Datasheet
166Kb / 4P
   THERMAL DELAY SWITCHES
More results

Similar Description - S1028C1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807_15 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
logo
Infineon Technologies A...
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com