Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA4400 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. FOA4400
Description  Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FOA4400 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FOA4400 Datasheet HTML 1Page - Infineon Technologies AG FOA4400 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOA4400/9400/5400/5401
P RO DU C T
B RIEF
Never
stop
think i ng.
Features
s
Supports data rates from
39.8 Gbit/s to 43 Gbit/s
s
Infineon's leading-edge SiGe
B7HF technology
s
1:16 (= 1:2 and 2:16) and 16:1
multiplexing ratio
s
On-chip VCO, external VCO
input available
s
622 MHz or 2.5 GHz reference
clock
s
Adjustable sampling
threshold and phase
s
Integrated pre-amplifier with
high input sensitivity
s
Selectable 20 GHz and
40 GHz output clock
s
FIFO depth of 6 Bits
Typical Applications
s
Fiber optics telecom and
datacom applications
s
SONET/SDH OC-768/STM-256
with and without FEC
Main Advantages
s
Data rate from 39.8 Gbit/s
up to 43 Gbit/s
s
SiGe chipset providing
complete functionality:
CMU, CDR, FIFO and VCO
s
Single supply voltage of 5.5 V
s
High CDR sensitivity with
adjustable sampling
s
On-chip VCO together with
external VCO input
MUX Evaluation Board
FO A4400/9400/
5400/5401
MUX/FIFO/DEMUX/CDR
39. 8 - 4 3 Gb it/s, 5. 5 V
Semic o nduct o r Solution s f o r
High Speed C o mmu nic a tion
and Fiber Optic Applic ation s
FOA4400 16:1 MUX
Multiplexer with Clock Multiplication Unit
MUX 39.8 - 43 Gbit/s, 5.5 V
FOA9400 1:1 FIFO
Data Synchronization
FIFO 2.5 - 2.7 Gbit/s, 5.5 V
FOA5400 2:16 DEMUX
Demultiplexer
DEMUX 39.8 - 43 Gbit/s, 5.5 V
FOA5401 1:2 CDR
Clock and Data Recovery with 1:2 Demultiplexer
CDR 39.8 - 43 Gbit/s, 5.5 V
The 40 Gbit/s transceiver chipset (MUX+FIFO and CDR+DEMUX)
provide highly integrated SerDes (SERializer-DESerializer) func-
tionality with a 1:16 ratio. The 16 times 2.5 Gbit/s data signals
are multiplexed to a single serial 40 Gbit/s data stream and vice
versa. The devices support datarates from 39.8 Gbit/s up to
43 Gbit/s (OC-768/STM-256) with optional FEC (Forward Error
Correction). All four chips are manufactured in Infineon's
leading-edge Silicon-Germanium B7HF technology enabling low
power consumption.
The multiplexer FOA4400, FIFO FOA9400, demultiplexer FOA5400
and CDR FOA5401 feature CML interfaces, integrated VCOs
(Voltage-Controlled Oscillator) and two reference clocks
(622 MHz/2.5 GHz). The FOA4400 incorporates the CMU and
selectable 20 GHz and 40 GHz clock outputs, whereas optional
data synchronization is provided by the FOA9400. The FOA5400
and FOA5401 integrate CDR and demultiplexing functionality
with extremely high input sensitivity.
CDR-DEMUX Evaluation Board


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn