Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA3251B1 Datasheet(HTML) 17 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
FOA3251B1
S1028C1
External Components
Data Sheet
17
V1.0, 1999-08
Figure 6
Reference Voltage for VCO (Ring Oscillator).
Figure 7
Loop Filter PLL1 (CDR)
ITS11421
V
CC
100 nF
1
TL431
2, 3
6, 7
10 µF
5
N2V5
56
V
EE
Resistor has to be adapted
to supply voltage.
3.3 V
56
5.0 V
80
2.5 V Referenz Voltage
ITS11422
1 k
1 k
100 nF
100 pF
100
100 pF
PLL1 DN
800
800
FOA3251
V
CC
100
100
100 nF
100 nF
V
CC
V
F01
PLL1 UP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn