Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FOA3251B1 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button FOA3251B1 Datasheet HTML 12Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 13Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 14Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 15Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 16Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 17Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 18Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 19Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
FOA3251B1
S1028C1
External Components
Data Sheet
16
V1.0, 1999-08
5
External Components
Figure 5
External Components Required for Operation of FOA3251B1
The external circuits are shown in Figure 6, Figure 7, Figure 8 and Figure 9.
Table 7
External Devices
Device
Number
Recommended Types Remark
Reference Voltage
1 - 2
TL 431
2.5 V VCO Supply
Operational Amplifier
1
Burr Brown OPA2353
Burr Brown OPA2350
Integrator
Capacitor
10
5
Integrator,
Blocking
Resistor
14
Integrator,
Reference voltage
Crystal Oscillator
1
Toyocom TSX-2
19.44 MHz
Ferrite Bead Inductor
2
muRata BLM11B601S
V
EE blocking to GND (VCC)
ITS11420
Integrator
Crystal
Data IN
Integrator
Data OUT
Reference
Voltage
Clock OUT
Infineon - FOA3251B1
2.488 Gb/s Transceiver and Clock/Data Recovery


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn