Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA3251B1 Datasheet(HTML) 15 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
FOA3251B1
S1028C1
Electrical Characteristics
Data Sheet
15
V1.0, 1999-08
Output Rise/Fall Times
Clock Output
Rise Time
20% - 80%, 50
100
ps
Fall Time
20% - 80%, 50
100
ps
Data Output
Rise Time
20% - 80%, 50
120
ps
Fall Time
20% - 80%, 50
120
ps
Control and test inputs
8)
Referenced to V
CC
Input logic High, V
ih
0V
Input logic Low, V
il
-1
V
Control and test outputs
Referenced to V
CC
Output logic High, V
ih
0V
Output logic Low, V
il
-1
V
Power Supply Voltage
3
5
5.8
V
Power Supply Current
9)
210
mA
Operating Temperature
Package Ambient
-40
+85
°C
Bare Chip Ambient
-40
+100
°C
Bare Chip Size
< 3.0 mm x 3.0 mm
1)
Min value Pin, Nin: V
CC-Pin, Nin < 800 mV
2)
Voltage (Pin-Nin) = 4 mVpp @Pin = -23 dBm
3)
Hysteresis can be installed by a combination of Signal LOS and LLOS.
4)
Open Collector Output type, I = 2 mA. Datarate depends on output load.
Termination with pullup resistor > 4.7 k
5)
No skipping clock cycles allowed down to < 10
-3 BER
External adjustable.
6)
Clock drift with no input 25 MHz
7)
The alarm shall be asserted before 500 ns of phase shift on the RX clock is realized.
8)
Consecutive identical bits 72 bits.
9)
Supply current = I
EE ( current without ECL output current).
Table 6
Electrical Characteristics (cont’d)
Parameter
Condition
Limit Values
Unit
min.
typ.
max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn