Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA3251B1 Datasheet(HTML) 14 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
FOA3251B1
S1028C1
Electrical Characteristics
Data Sheet
14
V1.0, 1999-08
Level Detect
Response Time
AC coupled
95
µs
Hysteresis (Electrical)
3)
13
db
ALM Output Logic High
4)
V
CC alarm = 5 V
4.5
V
ALM Output Logic Low
V
EE alarm = GND
1
ALM Output Logic High
V
CC alarm = GND
-0.5
ALM Output Logic Low
V
EE alarm = -5 V
-4
Phase-Locked Loop
Nominal Center Frequency f
0
2.48832
GHz
Capture Range
5)
-0.2% x f
0
+0.2% x f
0 GHz
Tracking Range
-0.2% x f
0
+0.2% x f
0
Static Phase Error
6)
-3.6
+3.6
deg.
Phase drift
7)
100
Bit
Jitter
SONET STS-48 Frame (with Scrambler 2E7-1) and
2E23-1 PRN Sequence ITU-T G958 and Gr-253-Core
objective < 0.005 UIrms (2ps)
Jitter Tolerance
SONET STS-48 Frame (with Scrambler 2E7-1) and
2E23-1 PRN Sequence ITU-T G958 and Gr-253-Core
Jitter Transfer
SONET STS-48 Frame (with Scrambler 2E7-1) and
2E23-1 PRN Sequence ITU-T G958 and Gr-253-Core
Open collector output
Referenced to V
CC
Voltage levels
Output logic High, V
oh
0V
Output logic Low, V
ol
400
V
Symmetry (Duty Cycle)
Recovered Clock Output
46
54
Table 6
Electrical Characteristics (cont’d)
Parameter
Condition
Limit Values
Unit
min.
typ.
max.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn