Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA3251B1 Datasheet(HTML) 13 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
FOA3251B1
S1028C1
Electrical Characteristics
Data Sheet
13
V1.0, 1999-08
4.3
DC Characteristics
4.4
AC Characteristics
Table 5
DC Characteristics
Parameter
Symbol
Limit Values
Unit
min.
max.
Control and Test inputs
V
IL
V
IH
V
CC - 1
V
CC
V
Output current CML
Pin 17, 18, 20, 21
I
oc
80.45
mA
Supply current
I
EE (AV)
200
TBD
mA
Table 6
Electrical Characteristics
Parameter
Condition
Limit Values
Unit
min.
typ.
max.
Quantisizer
DC Characteristics
1)
Pin or Nin
V
EE +2.5
V
CC
V
Input Voltage Range
2)
Pin-Nin, BER < 10
-12
10
mV
Input Sensitivity, V
sense
Pin-Nin, BER < 10
-12
V
Input Overdrive, V
od
2mV
Input Offset Voltage
10
µA
Input Current
Input RMS Noise
BER < 10
-12
TBD
µV
Input Pk-Pk Noise
BER < 10
-12
TBD
Quantisizer
AC Characteristics
2.5
GHz
Upper -3 dB Bandwidth
extern)
50
Input Resistance
Package
0.8
pF
Input Capacitance
Pulse Width Distortion
VSWR
2.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn