Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA3251B1 Datasheet(HTML) 12 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
FOA3251B1
S1028C1
Electrical Characteristics
Data Sheet
12
V1.0, 1999-08
4
Electrical Characteristics
4.1
Absolute Maximum Ratings
The RF Pin 40, 42 are not ESD protected. The high frequency performance prohibits the
use of a adequate protective structure. Pin 33 is only protected to V
EE.
4.2
Operating Range
Table 3
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
min.
max.
IC supply voltage (V
CC - VEE)6
V
Voltage on any pin
V
S
-0.4
V
DDP + 0.4
Maximum junction temperature
125
°C
Storage temperature
T
stg
-40
150
Protection supply voltage
V
DDP
V
EE - 0.5
V
CC
V
ESD robustness
HBM: 1.5 k
Ω, 100 pF
V
ESD,HBM
500
Lead temperature range
Package
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit
min.
max.
Ambient temperature
T
A
-40
85
°C
Supply voltage
V
DD
3.0
5
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn