Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

FOA3251B1 Datasheet(HTML) 8 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
FOA3251B1
S1028C1
Functional Description
Data Sheet
8
V1.0, 1999-08
29
V
CC
30
XTAL OUT Out
Crystal
31
XTAL IN
In
Crystal
32
RESET
In
Reset for test mode only
33
LOS
Out
Loss of signal (ESD only to V
EE)
34
LOL
Out
Loss of Lock
35
V
CC alarm
V
CC alarm supply. Max. 5 V, Min 0 V = VCC (no ESD)
36
V
EE
37
LLOS
In
Adjustment for Level LOS
38
N2V5
In
Negative supply voltage for V
CO1
39
V
CC
40
DATA IN
In
Inverted data input (no ESD)
41
V
CC
42
DATA IN
In
Data input (no ESD)
43
V
CC
44
V
F01
In
Control voltage V
CO1
45
V
CC
46
PLL1 UP
Inverted up signal PLL1
47
PLL1 DN
Inverted down signal PLL1
48
TEST
In
Test mode on/off
Table 1
Pin Definition and Function (cont’d)
Pin
Symbol
Input (I)
Output (O)
Function


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn