Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FOA3251B1 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. FOA3251B1
Description  High Speed Clock and Data Recovery for Fiber Optic Applications
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FOA3251B1 Datasheet(HTML) 5 Page - Infineon Technologies AG

  FOA3251B1 Datasheet HTML 1Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 2Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 3Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 4Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 5Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 6Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 7Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 8Page - Infineon Technologies AG FOA3251B1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
5
V1.0, 1999-08
High Speed Clock and Data Recovery for
Fiber Optic Applications
FOA3251B1
S1028C1
BIPOLAR
P-LQFP-48-1
P-LQFP-48-1
Type
Ordering Code
Package
FOA3251B1
P-LQFP-48-1
1
Overview
The transceiver IC FOA3251 is designed for fibre optic
application in the data bit range of 2.5 GBit. The
FOA3251 fulfills the jitter requirements specified in
ITU G958 and Bellcore GR253.
1.1
Features
• Data rate up to 2.633 Gb/s
• All jitter data meet ITU-T G958 and GR-253-Core
requirements
• Supply range from +3.0 V to 5.0 V
• Supply current < 210 mA
• Input sensitivity < 5 mVpp differential (BER = 10
-12)
• Loss of signal (LOS) detection
• Programmable delay element to adjust clock- to data output
• Lock indication
1.2
Applications
• Fibre optic communication systems
• SDH / SONET / ATM applications


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn