Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKPFAAA010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKPFAAA010
Description  Long-travel with High Operation Force (Snap-in Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKPFAAA010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKPFAAA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKPFAAA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKPFAAA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
253
253
 
8×9mm size. Combination of long travel 1.75mm and
high operation force prevents malfunction
Long-travel with High Operation Force (Snap-in Type)
SKPF
1,000
Japan
Export
Dimensions
Product Line
Unit:mm
Operating direction
Operating force
Operating life
(5mA 5V DC)
Product No.
SKPFAAA010
3.92N
Top push
100,000 cycles
Minimum order unit(pcs.)
1,000
SKPFACA010
1.96N
Style
PC board mounting hole dimensions
(Viewed from switch mounting face)
8.7
4-ø1 hole
8
8.7
0.7
0.7
4.5
ø4
1
2
3
4
Circuit Diagram
1
2
3
4
Please Using a 1.6mm thick PC board is recommended.
Note
Packing Specifications
Bulk
Typical Specifications
Items
Specifications
Rating(max.)
5mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
1kΩ max.
Travel(mm)
1.75
Refer to P.259 for soldering conditions.
Number of packages(pcs.)
Export package measurements
(mm)
1 case / Japan
1 case / export packing
4,000
12,000
309×476×347


Similar Part No. - SKPFAAA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPFAAA010 ALPS-SKPFAAA010 Datasheet
182Kb / 3P
   Long-travel with High Operation Force (Snap-in Type)
More results

Similar Description - SKPFAAA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKPF ALPS-SKPF Datasheet
182Kb / 3P
   Long-travel with High Operation Force (Snap-in Type)
SKPE ALPS-SKPE Datasheet
190Kb / 3P
   Low-profile with High Operation Force (Snap-in Type)
SKPG ALPS-SKPG_15 Datasheet
869Kb / 3P
   High Operation Force with 5mm Height (Surface Mount Type)
SKPG ALPS-SKPG Datasheet
188Kb / 3P
   High Operation Force with 5mm Height (Surface Mount Type)
SKPN ALPS-SKPN Datasheet
201Kb / 3P
   Long-travel with Low Contact Resistance (Surface Mount Type)
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
SKHK ALPS-SKHK Datasheet
172Kb / 3P
   12mm Square Long Stem (Snap-in Type)
SKQE ALPS-SKQE_15 Datasheet
796Kb / 4P
   12mm Square Long-life (Snap-in Type)
SKQE ALPS-SKQE Datasheet
246Kb / 4P
   12mm Square Long-life (Snap-in Type)
logo
Sharp Corporation
GP1S563 SHARP-GP1S563 Datasheet
79Kb / 5P
   Long Case, Snap-in Mounting Type Photointerrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com