Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHLLBA010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHLLBA010
Description  Switch contributing to high-density mounting, available with top or side push operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHLLBA010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKHLLBA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHLLBA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
193
193
 
Switch contributing to high-density mounting,
available with top or side push operation
6×3.5mm Compact (Snap-in Type)
SKHL
Drawing
No.
Drawing
No.
Japan
Export
Japan
Export
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
SKHLLAA010
SKHLLBA010
SKHLLFA010
SKHLLCA010
SKHLLDA010
0.98N
1.57N
Operating
force
50,000 cycles
30,000 cycles
50,000 cycles
30,000 cycles
Operating life
(5mA 5V DC)
Black
Dark gray
Red
Black
Dark gray
Red
Stem color
SKHLAAA010
SKHLACA010
SKHLAJA010
SKHLABA010
SKHLADA010
SKHLAKA010
Product No.
1,000
1,000
Minimum order unit(pcs.)
1
Top push
Operating
direction
Side push type
Product Line
Top push type
Operating
force
50,000 cycles
30,000 cycles
50,000 cycles
Operating life
(5mA 5V DC)
Black
Dark gray
Red
Black
Dark gray
Stem color
h=4.3mm
h=5mm
Stem height
ℓ=3.5mm
(PC board t : 1.6)
ℓ=2.5mm
(PC board t : 1.0)
Terminal length
Product No.
1,000
1,000
Minimum order unit(pcs.)
2
Side push
Operating
direction
Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
500mΩ max.
Travel(mm)
0.25
Refer to P.259 for soldering conditions.
Bulk
Packing Specifications
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan
1 case / export packing
10,000
30,000
309×476×347


Similar Part No. - SKHLLBA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHLLBA010 ALPS-SKHLLBA010 Datasheet
215Kb / 4P
   6횞3.5mm Compact (Snap-in Type)
More results

Similar Description - SKHLLBA010

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
FT21B105M160CT WALSIN-FT21B105M160CT Datasheet
2Mb / 8P
   High density mounting due to mounting space saving
logo
STMicroelectronics
TDE1707DFT STMICROELECTRONICS-TDE1707DFT Datasheet
218Kb / 15P
   Low side or high side switch configuration
October 2006 Rev 2
logo
List of Unclassifed Man...
CMJ206T ETC2-CMJ206T Datasheet
713Kb / 1P
   HIGH-DENSITY MOUNTING SMD WITH JACKET
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB Datasheet
208Kb / 4P
   Lever and Push Operation Type Switch
SLLB ALPS-SLLB_15 Datasheet
775Kb / 4P
   Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
   Encoder and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
   Encoder and Push Operation Type Switch
SLLB5 ALPS-SLLB5_15 Datasheet
775Kb / 4P
   Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
   Lever and Push Operation Type Switch
logo
TE Connectivity Ltd
KUHP TEC-KUHP Datasheet
317Kb / 3P
   Side flange and top flange mounting
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com