Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKHHBYA010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKHHBYA010
Description  6mm Square (Snap-in Type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKHHBYA010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKHHBYA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SKHHBYA010 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
196
196
6mm Square (Snap-in Type)
SKHH
SKHH/6mm Square (Snap-in Type)
Drawing
No.
Japan
Export
Product No.
Product No.
Japan
Export
Operating
force
Operating
direction
Operating
force
Operating life
(5mA 5V DC)
Stem height
Minimum order unit(pcs.)
Operating
direction
SKHHPJA010
SKHHPLA010
SKHHPQA010
SKHHPKA010
SKHHPMA010
SKHHPRA010
SKHHQVA010
SKHHQWA010
SKHHQYA010
SKHHPNA010
SKHHPPA010
SKHHQNA010
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
Top push
1,000,000 cycles
500,000 cycles
1,000,000 cycles
500,000 cycles
200,000 cycles
1,000,000 cycles
500,000 cycles
200,000 cycles
1,000,000 cycles
500,000 cycles
200,000 cycles
200,000 cycles
Stem color
Black
Dark gray
Black
Dark gray
Red
Black
Dark gray
Red
Black
Dark gray
Red
Red
h=4.3mm
h=5mm
h=7mm
h=9.5mm
SKHHLMA010
SKHHLNA010
SKHHLPA010
SKHHLQA010
SKHHLRA010
SKHHLSA010
SKHHLUA010
SKHHLVA010
SKHHLWA010
SKHHNHA010
SKHHNJA010
SKHHNKA010
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
0.98N
1.57N
2.55N
2.55N
0.98N
1.57N
Side push
1,000
1,000
Drawing
No.
3
Minimum order unit(pcs.)
1,000
1,000
Operating life
(5mA 5V DC)
1,000,000 cycles
500,000 cycles
200,000 cycles
1,000,000 cycles
500,000 cycles
200,000 cycles
1,000,000 cycles
500,000 cycles
200,000 cycles
200,000 cycles
500,000 cycles
300,000 cycles
Stem color
Black
Dark gray
Red
Black
Dark gray
Red
Black
Dark gray
Red
Red
Black
Dark gray
Stem length
ℓ=3.85mm
ℓ=8.35mm
ℓ=5.85mm
ℓ=15.85mm
4
Side push type
Product Line
With ground terminal type
Bulk
Packing Specifications
Product No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
Other
10,000
30,000
309×476×347
SKHHDT, SKHHDU
SKHHDH, SKHHDJ
SKHHNH, SKHHNJ
SKHHNK
5,000
15,000


Similar Part No. - SKHHBYA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHHBYA010 ALPS-SKHHBYA010 Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
More results

Similar Description - SKHHBYA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHH ALPS-SKHH Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
SKEG ALPS-SKEG Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
SKEG ALPS-SKEG_15 Datasheet
838Kb / 4P
   6mm Square (Snap-in Type)
SKHW ALPS-SKHW Datasheet
202Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKHW ALPS-SKHW_15 Datasheet
760Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com