Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLY38 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # CLY38
Description  HiRel C-Band GaAs Power-MESFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CLY38 Datasheet(HTML) 5 Page - Infineon Technologies AG

  CLY38 Datasheet HTML 1Page - Infineon Technologies AG CLY38 Datasheet HTML 2Page - Infineon Technologies AG CLY38 Datasheet HTML 3Page - Infineon Technologies AG CLY38 Datasheet HTML 4Page - Infineon Technologies AG CLY38 Datasheet HTML 5Page - Infineon Technologies AG CLY38 Datasheet HTML 6Page - Infineon Technologies AG CLY38 Datasheet HTML 7Page - Infineon Technologies AG CLY38 Datasheet HTML 8Page - Infineon Technologies AG CLY38 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CLY38
Semiconductor Group
5 of 10
Draft D, September 99
Typical Common Source S-Parameters
VDS = 3 V, ID = 1400 mA, Zo = 50 Ω
f
|S11|
<S11
|S21|
<S21
|S12|
<S12
|S22|
<S22 k-Fact. S21/S12 MAG
[GHz] [magn] [angle] [magn] [angle] [magn] [angle] [magn] [angle] [magn]
[dB]
[dB]
0,5
0,927
-175
2,300
84
0,0138
16
0,966
172
0,37
22,2
0,6
0,924
-178
2,137
82
0,0140
16
0,955
171
0,46
21,8
0,7
0,922
180
1,960
80
0,0142
17
0,944
169
0,57
21,4
0,8
0,921
177
1,774
77
0,0144
16
0,932
168
0,68
20,9
0,9
0,921
173
1,582
74
0,0146
16
0,921
166
0,81
20,3
1,0
0,924
170
1,387
70
0,0148
16
0,910
164
0,94
19,7
1,1
0,926
167
1,235
66
0,0149
16
0,902
162
1,06
19,2
17,7
1,2
0,927
164
1,112
62
0,0148
16
0,897
160
1,19
18,8
16,1
1,3
0,929
161
1,010
59
0,0148
16
0,894
159
1,28
18,3
15,1
1,4
0,930
158
0,927
56
0,0148
16
0,893
157
1,38
18,0
14,3
1,5
0,931
156
0,856
53
0,0150
16
0,893
156
1,44
17,6
13,6
1,6
0,932
153
0,794
50
0,0152
15
0,894
154
1,49
17,2
13,1
1,7
0,933
151
0,740
47
0,0156
15
0,895
153
1,51
16,8
12,5
1,8
0,934
149
0,693
44
0,0161
15
0,897
151
1,54
16,3
12,0
1,9
0,934
147
0,651
42
0,0167
15
0,898
150
1,56
15,9
11,5
2,0
0,935
145
0,613
39
0,0171
15
0,899
148
1,58
15,5
11,1
2,1
0,935
143
0,579
36
0,0180
14
0,899
147
1,58
15,1
10,6
2,2
0,936
141
0,548
34
0,0184
15
0,900
146
1,62
14,7
10,1
2,3
0,936
139
0,519
31
0,0189
14
0,900
144
1,65
14,4
9,7
2,4
0,936
137
0,494
29
0,0192
14
0,900
143
1,69
14,1
9,3
2,5
0,937
136
0,471
26
0,0197
13
0,900
142
1,71
13,8
8,9
2,6
0,936
134
0,449
24
0,0197
14
0,901
141
1,77
13,6
8,5
2,7
0,937
132
0,429
22
0,0201
13
0,902
140
1,79
13,3
8,1
2,8
0,937
131
0,411
19
0,0202
12
0,903
139
1,83
13,1
7,8
2,9
0,937
129
0,394
17
0,0209
12
0,904
137
1,82
12,8
7,5
3,0
0,937
127
0,379
15
0,0207
11
0,906
136
1,87
12,6
7,2
3,1
0,937
126
0,364
13
0,0211
11
0,907
135
1,87
12,4
7,0
3,2
0,937
124
0,350
11
0,0214
9
0,909
134
1,86
12,1
6,8
3,3
0,937
123
0,338
9
0,0218
9
0,911
133
1,87
11,9
6,5
3,4
0,936
121
0,325
7
0,0220
9
0,913
132
1,90
11,7
6,2
3,5
0,936
120
0,314
5
0,0225
8
0,914
131
1,89
11,5
6,0
3,6
0,937
119
0,304
3
0,0227
7
0,916
130
1,89
11,3
5,8
3,7
0,936
117
0,294
1
0,0232
7
0,918
129
1,88
11,0
5,6
3,8
0,936
116
0,285
-1
0,0236
6
0,919
128
1,90
10,8
5,4
3,9
0,935
114
0,276
-3
0,0245
6
0,920
127
1,89
10,5
5,1
4,0
0,935
113
0,268
-4
0,0251
5
0,920
126
1,89
10,3
4,8
4,1
0,933
112
0,260
-6
0,0255
5
0,920
125
1,95
10,1
4,5
4,2
0,933
111
0,253
-8
0,0260
4
0,919
124
1,99
9,9
4,2
4,3
0,933
109
0,246
-9
0,0264
3
0,920
123
2,00
9,7
4,0
4,4
0,932
108
0,240
-11
0,0266
2
0,920
122
2,05
9,6
3,7
4,5
0,931
107
0,234
-12
0,0269
2
0,919
121
2,10
9,4
3,4
4,6
0,931
106
0,229
-14
0,0272
1
0,918
120
2,13
9,2
3,2
4,7
0,930
105
0,224
-15
0,0274
0
0,918
119
2,17
9,1
3,0
4,8
0,931
104
0,220
-16
0,0275
0
0,918
119
2,18
9,0
2,9
4,9
0,931
103
0,217
-17
0,0276
-1
0,918
118
2,21
8,9
2,7
5,0
0,931
103
0,214
-18
0,0279
-1
0,918
118
2,18
8,8
2,7


Similar Part No. - CLY38

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-00 INFINEON-CLY32-00 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-05 INFINEON-CLY32-05 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32-10 INFINEON-CLY32-10 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
More results

Similar Description - CLY38

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
CLY29 INFINEON-CLY29 Datasheet
673Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLY35 INFINEON-CLY35 Datasheet
571Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
CLX30 INFINEON-CLX30 Datasheet
640Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX32 INFINEON-CLX32 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX34 INFINEON-CLX34 Datasheet
636Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
CLX27 INFINEON-CLX27 Datasheet
635Kb / 9P
   HiRel X-Band GaAs Power-MESFET
September 99
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com