Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL220N3LLH7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL220N3LLH7
Description  High avalanche ruggedness
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL220N3LLH7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL220N3LLH7 Datasheet HTML 2Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 3Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 4Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 5Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 6Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 7Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 8Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 9Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STL220N3LLH7
6/15
DocID024732 Rev 4
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-1
10
-5
10
-2
10
-2
10
-1
c
GIPG290420141539SA
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
100
60
20
0
0
0.5
VDS(V)
1
(A)
1.5
140
3V
4V
VGS=5, 6, 7, 8, 9, 10V
40
80
120
160
AM16187v1
ID
120
80
40
0
0
2
VGS(V)
4
(A)
1
3
5
160
20
60
100
140
VDS=2V
6
7
AM16188v1
VGS
6
4
2
0
0
40
Qg(nC)
(V)
8
60
80
10
VDD=15V
ID=50A
20
100
AM16189v1
RDS(on)
0.80
0.79
0.78
0
10
ID(A)
(m
Ω)
5
15
0.81
VGS=10V
20 25
0.82
0.83
0.84
30 35 40 45
AM16190v1


Similar Part No. - STL220N3LLH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
3Mb / 4P
   Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
STL220NS6F7 STMICROELECTRONICS-STL220NS6F7 Datasheet
706Kb / 13P
   N-channel 60 V, 1.4 mΩ typ., 250 A STripFET™ F7 Power MOSFET plus monolithic Schottky in a PowerFLAT™ 5x6
August 2015
More results

Similar Description - STL220N3LLH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
STH290N4F6-2AG STMICROELECTRONICS-STH290N4F6-2AG Datasheet
486Kb / 19P
   High avalanche ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com