Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C164CL-8R25M Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SAF-C164CL-8R25M
Description  16-Bit Single-Chip Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C164CL-8R25M Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SAF-C164CL-8R25M Datasheet HTML 2Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 3Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 4Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 5Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 6Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 7Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 8Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 9Page - Infineon Technologies AG SAF-C164CL-8R25M Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
2
V2.0, 2001-05
• Supported by a Large Range of Development Tools like C-Compilers,
Macro-Assembler
Packages,
Emulators,
Evaluation
Boards,
HLL-Debuggers,
Simulators, Logic Analyzer Disassemblers, Programming Boards
• On-Chip Bootstrap Loader
• 80-Pin MQFP Package, 0.65 mm pitch
This document describes several derivatives of the C164 group. Table 1 enumerates
these derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term C164CI throughout this document.
Table 1
C164CI Derivative Synopsis
Derivative1)
1) This Data Sheet is valid for ROM(less) devices starting with and including design step AB, and for OTP devices
starting with and including design step DA.
Program
Memory
CAPCOM6
CAN Interf.
Operating
Frequency
SAK-C164CI-8R[25]M
SAF-C164CI-8R[25]M
64 KByte ROM
Full function
CAN1
20 MHz,
[25 MHz]
SAK-C164SI-8R[25]M
SAF-C164SI-8R[25]M
64 KByte ROM
Full function
---
20 MHz,
[25 MHz]
SAK-C164CL-8R[25]M
SAF-C164CL-8R[25]M
64 KByte ROM
Reduced fct. CAN1
20 MHz,
[25 MHz]
SAK-C164SL-8R[25]M
SAF-C164SL-8R[25]M
64 KByte ROM
Reduced fct. ---
20 MHz,
[25 MHz]
SAK-C164CL-6R[25]M
SAF-C164CL-6R[25]M
48 KByte ROM
Reduced fct. CAN1
20 MHz,
[25 MHz]
SAK-C164SL-6R[25]M
SAF-C164SL-6R[25]M
48 KByte ROM
Reduced fct. ---
20 MHz,
[25 MHz]
SAK-C164CI-L[25]M
SAF-C164CI-L[25]M
---
Full function
CAN1
20 MHz,
[25 MHz]
SAK-C164CI-8EM
SAF-C164CI-8EM
64 KByte OTP
Full function
CAN1
20 MHz


Similar Part No. - SAF-C164CL-8R25M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C164CM INFINEON-SAF-C164CM Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4EF INFINEON-SAF-C164CM-4EF Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4R25F INFINEON-SAF-C164CM-4R25F Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4RF INFINEON-SAF-C164CM-4RF Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
More results

Similar Description - SAF-C164CL-8R25M

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com