Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL23NS3LLH7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL23NS3LLH7
Description  N-channel 30 V, 0.0027 ??typ., 23 A STripFET??H7 Power MOSFET plus monolithic Schottky in a PowerFLAT??3.3 x 3.3
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL23NS3LLH7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL23NS3LLH7 Datasheet HTML 1Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 2Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 3Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 4Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 5Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 6Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 7Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 8Page - STMicroelectronics STL23NS3LLH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STL23NS3LLH7
Electrical characteristics
DocID025074 Rev 3
5/14
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on voltage
ISD = 2 A, VGS = 0
-
0.4
0.7
V
trr
Reverse recovery time
ISD = 2 A,
di/dt = 100 A/µs
VGS = 0 V
-
31.2
ns
Qrr
Reverse recovery charge
-
18.7
nC
IRRM
Reverse recovery current
-
1.2
A
Notes:
(1)
Pulsed: pulse duration = 300 µs, duty cycle 1.5%.


Similar Part No. - STL23NS3LLH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL23NM50N STMICROELECTRONICS-STL23NM50N Datasheet
659Kb / 13P
   N-channel 500 V, 0.170 typ., 14 A MDmesh II Power MOSFET in a PowerFLAT 8x8 HV package
STL23NM60ND STMICROELECTRONICS-STL23NM60ND Datasheet
473Kb / 11P
   N-channel 600 V, 0.150 廓, 19.5 A, FDmesh??II Power MOSFET (with fast diode) PowerFLAT??(8x8) HV
More results

Similar Description - STL23NS3LLH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL105NS3LLH7 STMICROELECTRONICS-STL105NS3LLH7 Datasheet
1Mb / 16P
   N-channel 30 V, 0.0033 廓 typ., 27 A STripFET??H7 Power MOSFET plus monolithic Schottky in a PowerFLAT??5x6
April 2015 Rev 4
STL11N3LLH6 STMICROELECTRONICS-STL11N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.006 typ., 11 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT 3.3 x 3.3 package
STL12N3LLH5 STMICROELECTRONICS-STL12N3LLH5 Datasheet
453Kb / 11P
   N-channel 30 V, 0.0079 廓, 12 A, PowerFLAT??(3.3 x 3.3) STripFET??V Power MOSFET
June 2011 Rev 1
STL15N3LLH5 STMICROELECTRONICS-STL15N3LLH5 Datasheet
157Kb / 10P
   N-channel 30 V, 0.0045 廓, 15 A, PowerFLAT??(3.3 x 3.3) STripFET??V Power MOSFET
STL16N1VH5 STMICROELECTRONICS-STL16N1VH5 Datasheet
852Kb / 14P
   N-channel 12 V, 0.0022, 16 A, PowerFLAT (3.3 x 3.3) STripFET V Power MOSFET
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
   P-channel 40 V, 0.0175 廓 typ.,8 A, STripFET??F6 Power MOSFET in a PowerFLAT??3.3 x 3.3 package
March 2015 Rev 2
STL11N4LLF5 STMICROELECTRONICS-STL11N4LLF5 Datasheet
1Mb / 14P
   N-channel 40 V, 9.1 m typ., 15 A STripFETV Power MOSFET in a PowerFLAT 3.3 x 3.3 package
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
   P-channel 20 V, 0.0195 ??typ., 9 A STripFET??H7 Power MOSFET in a PowerFLAT??3.3x3.3 package
October 2014 Rev 3
STL100N6LF6 STMICROELECTRONICS-STL100N6LF6 Datasheet
2Mb / 15P
   N-channel 60 V, 3.3 m廓 typ., 25 A STripFET??VI DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
March 2014 Rev 3
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com