Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH320N4F6-6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STH320N4F6-6
Description  N-channel 40 V, 1.1 m廓 typ., 200 A, H짼PAK-2, H짼PAK-6 STripFET??VI DeepGATE??Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH320N4F6-6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STH320N4F6-6 Datasheet HTML 5Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 6Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 7Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 8Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 9Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 10Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 11Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 12Page - STMicroelectronics STH320N4F6-6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STH320N4F6-2, STH320N4F6-6
Package mechanical data
Doc ID 024221 Rev 1
9/19
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


Similar Part No. - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
STH30 SONY-STH30 Datasheet
2Mb / 2P
   Stereo Headset STH30
logo
STMicroelectronics
STH300NH02L-6 STMICROELECTRONICS-STH300NH02L-6 Datasheet
1Mb / 15P
   Automotive-grade N-channel 24 V, 0.95 typ., 180 A
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
   Automotive-grade N-channel 650 V, 102 m廓 typ., 28 A MDmesh DM6 Power MOSFET in an H짼PAK-7 package
June 2021
STH310N10F7-2 STMICROELECTRONICS-STH310N10F7-2 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
STH310N10F7-6 STMICROELECTRONICS-STH310N10F7-6 Datasheet
1Mb / 19P
   N-channel 100 V, 1.9 m typ., 180 A STripFET VII DeepGATE Power MOSFET in H2PAK-2 and H2PAK-6 packages
More results

Similar Description - STH320N4F6-6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH260N6F6-2 STMICROELECTRONICS-STH260N6F6-2 Datasheet
730Kb / 14P
   N-channel 60 V, 1.7 m廓 typ., 180 A STripFET??VI DeepGATE??Power MOSFET in H짼PAK-2 package
STH360N4F6-2 STMICROELECTRONICS-STH360N4F6-2 Datasheet
359Kb / 12P
   N-channel 40 V, 180 A STripFET??VI DeepGATE?? Power MOSFET in H짼PAK-2 package
August 2012 Rev 1
STH110N10F7-2 STMICROELECTRONICS-STH110N10F7-2 Datasheet
863Kb / 19P
   N-channel 100 V, 4.9 m廓 typ.,110 A, STripFET??F7 Power MOSFETs in H짼PAK-2 and H짼PAK-6 packages
November 2014 Rev 4
STD44N4LF6 STMICROELECTRONICS-STD44N4LF6 Datasheet
1,001Kb / 15P
   N-channel 40 V, 8.9 m廓, 44 A DPAK STripFET??VI DeepGATE??Power MOSFET
STI300N4F6 STMICROELECTRONICS-STI300N4F6 Datasheet
782Kb / 13P
   N-channel 40 V, 1.7 m廓 typ., 160 A, STripFET??VI DeepGATE??Power MOSFET in a I짼PAK package
February 2013 Rev 2
STH145N8F7-2AG STMICROELECTRONICS-STH145N8F7-2AG Datasheet
677Kb / 16P
   Automotive-grade N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H짼PAK-2 package
June 2015 Rev 1
STD80N4F6 STMICROELECTRONICS-STD80N4F6 Datasheet
1Mb / 18P
   N-channel 40 V, 5.5 m typ., 80 A STripFET VI DeepGATE Power MOSFET in DPAK
STP120N4F6 STMICROELECTRONICS-STP120N4F6 Datasheet
746Kb / 13P
   N-channel 40 V, 3.8 m廓 , 80 A, TO-220 STripFET??VI DeepGATE??Power MOSFET
STB120N4LF6 STMICROELECTRONICS-STB120N4LF6 Datasheet
897Kb / 18P
   N-channel 40 V, 3.1 m廓, 80 A DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
STB120N4F6 STMICROELECTRONICS-STB120N4F6 Datasheet
998Kb / 18P
   N-channel 40 V, 3.5 m廓 , 80 A, DPAK, D짼PAK STripFET??VI DeepGATE??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com