Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-C164SI-8R25M Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAK-C164SI-8R25M
Description  16-Bit Single-Chip Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-C164SI-8R25M Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAK-C164SI-8R25M Datasheet HTML 7Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 8Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 9Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 10Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 11Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 12Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 13Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 14Page - Infineon Technologies AG SAK-C164SI-8R25M Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
C164CI/SI
C164CL/SL
Data Sheet
7
V2.0, 2001-05
EA/
VPP 28
I
External Access Enable pin.
A low level at this pin during and after Reset forces the
C164CI to latch the configuration from PORT0 and pin RD,
and to begin instruction execution out of external memory.
A high level forces the C164CI to latch the configuration
from pins RD and ALE, and to begin instruction execution out
of the internal program memory.
“ROMless” versions must have this pin tied to ‘0’.
Note: This pin also accepts the programming voltage for the
OTP derivatives.
PORT0
P0L.0-7
P0H.0-7
29-
36
37-39,
42-46
IO
PORT0 consists of the two 8-bit bidirectional I/O ports P0L
and P0H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state.
In case of an external bus configuration, PORT0 serves as
the address (A) and address/data (AD) bus in multiplexed
bus modes and as the data (D) bus in demultiplexed bus
modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 – D7
P0H.0 – P0H.7:
I/O
D8 – D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 – AD7
P0H.0 – P0H.7:
A8 – A15
AD8 – AD15
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function


Similar Part No. - SAK-C164SI-8R25M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-C164SM-4R25F INFINEON-SAK-C164SM-4R25F Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAK-C164SM-4RF INFINEON-SAK-C164SM-4RF Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAK-C164SV-2R25F INFINEON-SAK-C164SV-2R25F Datasheet
895Kb / 65P
   16-Bit Single-Chip Microcontroller
V1.0, Apr. 2003
SAK-C164SV-2RF INFINEON-SAK-C164SV-2RF Datasheet
895Kb / 65P
   16-Bit Single-Chip Microcontroller
V1.0, Apr. 2003
More results

Similar Description - SAK-C164SI-8R25M

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com