Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH315N10F7-2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STH315N10F7-2
Description  Automotive-grade N-channel 100 V, 2.1 m廓 typ., 180 A STripFET??F7 Power MOSFETs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH315N10F7-2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STH315N10F7-2 Datasheet HTML 4Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 5Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 6Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 7Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 8Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 9Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 10Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 11Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Test circuits
STH315N10F7-2, STH315N10F7-6
8/19
DocID025090 Rev 4
3
Test circuits
Figure 13. Switching times test circuit for
resistive load
Figure 14. Gate charge test circuit
Figure 15. Test circuit for inductive load
switching and diode recovery times
Figure 16. Unclamped inductive load test circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STH315N10F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH315N10F7-6 STMICROELECTRONICS-STH315N10F7-6 Datasheet
2Mb / 9P
   5 kW low voltage high current inverter for industrial motor control applications
Rev 2 - October 2018
More results

Similar Description - STH315N10F7-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
   N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
Rev 4 - July 2022
STH400N4F6-2 STMICROELECTRONICS-STH400N4F6-2 Datasheet
794Kb / 18P
   Automotive-grade N-channel 40 V, 0.85 m??typ.,180 A STripFET??VI DeepGATE??Power MOSFETs
February 2014 Rev 2
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
   Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
February 2017 Rev 3
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
   Automotive N-channel 100 V, 4.2 m廓 typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
STH145N8F7-2AG STMICROELECTRONICS-STH145N8F7-2AG Datasheet
677Kb / 16P
   Automotive-grade N-channel 80 V, 3.3 m廓 typ., 90 A STripFET??F7 Power MOSFET in a H짼PAK-2 package
June 2015 Rev 1
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
   N-channel 40 V, 1.4 m廓 typ., 180 A STripFET III Power MOSFET
STH110N10F7-2 STMICROELECTRONICS-STH110N10F7-2 Datasheet
863Kb / 19P
   N-channel 100 V, 4.9 m廓 typ.,110 A, STripFET??F7 Power MOSFETs in H짼PAK-2 and H짼PAK-6 packages
November 2014 Rev 4
STL76DN4LF7AG STMICROELECTRONICS-STL76DN4LF7AG Datasheet
984Kb / 16P
   Automotive-grade dual N-channel 40 V, 5 m廓 typ., 40 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 DI
July 2017 Rev 5
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STL105N8F7AG STMICROELECTRONICS-STL105N8F7AG Datasheet
377Kb / 14P
   Automotive N-channel 80 V, 5.6 m廓 typ., 95 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 2 - March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com