Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKEGACA010 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SKEGACA010
Description  6mm Square (Snap-in Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKEGACA010 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SKEGACA010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKEGACA010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKEGACA010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SKEGACA010 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
252
252
PC board mounting hole dimensions
(Viewed from switch mounting face)
SKEG
Cap
Clear
SK2AA00540
Key top
Cap
H
6
Thickness 0.1
Keytop
Red
Blue
Ivory
Black
Yellow
SK2AA00310
SK2AA00320
SK2AA00330
SK2AA00340
SK2AA00350
SK2AA00360
SK2AA00370
SK2AA00380
SK2AA00390
SK2AA00400
Keytop+Cap
Dimensions
Unit:mm
Circuit Diagram
1
2
2
No.
Style
Flat stem type
1
3
5.5
H
6
H
5
1
2
Stem
3
Side push type
1
2
Stem
Photo
Please use 1.6mm thick PC boards.(For horizontal type, 1.0mm)
Note
Label dimensions
Applicable model
Dimensions
Variety
Color
Model
Unit:mm
Product Line of Knobs
1. The knob will be delivered together with the switch but packed separately.
2. The label is not included.
Notes
Applicable to joint
stem type
6mm Square (Snap-in Type)
SKEG
5.5
2-ø1.25 hole
7
4.5
2-ø1 hole
2-ø1.3 hole


Similar Part No. - SKEGACA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKEGACA010 ALPS-SKEGACA010 Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
More results

Similar Description - SKEGACA010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
SKHH ALPS-SKHH Datasheet
291Kb / 7P
   6mm Square (Snap-in Type)
SKEG ALPS-SKEG Datasheet
247Kb / 5P
   6mm Square(Snap-in Type)
SKHW ALPS-SKHW Datasheet
202Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKHW ALPS-SKHW_15 Datasheet
760Kb / 3P
   6mm Square Dust-proof (Snap-in Type)
SKEY ALPS-SKEY Datasheet
191Kb / 3P
   7.8mm Square(Snap-in Type)
SKQJ ALPS-SKQJ_15 Datasheet
965Kb / 5P
   6.6mm Square (Snap-in Type)
SKQJ ALPS-SKQJ Datasheet
250Kb / 4P
   6.6mm Square(Snap-in Type)
SKHC ALPS-SKHC_15 Datasheet
763Kb / 4P
   12mm Square (Snap-in Type)
SKHC ALPS-SKHC Datasheet
252Kb / 5P
   12mm Square(Snap-in Type)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com