Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB4 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # DB4
Description  SILICON BIDIRECTIONAL DIAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

DB4 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  DB4 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. DB4 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
The three layer,two terminal, axial lead, hermetically sealed diacs are
designed specifically for triggering thyristors. They demonstrate low breakover
current at breakover voltage as they withstand peak pulse current,The breakover
symmetry is within three volts(DB3,DC34,DB4)or four volts(DB6).These diacs are
intended for use in thyrisitors phase control, circuits for lamp dimming,universal
motor speed control, and heat control.
JF's DB3/DC34/DB4/DB6 are bi-directional trigged diode designed to operate
in conjunction with Triacs and SCR's
ABSOLUTE RATINGS(LIMITING VALUES)
DB3
DC34
DB4
DB6
Power Dissipation on Printed
Circuit(L=10mm)
Repetitive Peak in-state
tp=10u s
Current
F=100Hz
TSTG/TJ
Storage and Operating Junction Temperature
ELECTRCAL CHARACTERISTICS
DB3
DC34
DB4
DB6
c=22nF(Note 2)
Min
28
30
35
56
See diagram1
Typ
32
34
40
60
Max
36
38
45
70
|+VBO|-
c=22nF(Note 2)
|-VBO|
See diagram1
I=(
IBO to IF=10mA)
See diagram1
Vo
See diagram2
Min
V
IBO
c=22nF(Note 2)
Max
A
tr
See Diagram 3
Typ
S
VB=0.5 VBO max
see diagram 1
Notes: 1. Electrical characteristics applicable in both forward and reverse directions.
2. Connected in parallel with the devices.
Parameters
Symbols
Units
2.0
2.0
1.6
Value
Symbols
Parameters
-40 to +125/-40 to 110
mW
A
Pc
ITRM
TA=50
150
2.0
VBO
Breakover Voltage(Note 2)
Output Voltage(Note 1)
Breakover Current(Note 1)
Max
|
V|
IB
Leakage Current(Note 1)
Rise Time(Note 1)
Value
Dynamic Breakover
Voltage(Note 1)
Breakover Voltage Symmetry
Units
3
4
5
Test Conditions
Max
Min
10
10
V
V
V
A
5
100
1.5
DB3/DC34/DB4/DB6
SILICON BIDIRECTIONAL DIAC
www.shunyegroup.com.cn


Similar Part No. - DB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
43Kb / 4P
   TRIGGER DIODES
logo
SAMYANG ELECTRONICS CO....
DB4 SAMYANG-DB4 Datasheet
400Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SEMTECH ELECTRONICS LTD...
DB4 SEMTECH_ELEC-DB4 Datasheet
195Kb / 2P
   SILICON BIDIRECTIONAL DIACS
logo
SUNMATE electronic Co.,...
DB4 SUNMATE-DB4 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Shanghai Lunsure Electr...
DB4 CHENYI-DB4 Datasheet
108Kb / 2P
   SILICON BIDIRECTIONAL DIAC
More results

Similar Description - DB4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
   Silicon Bidirectional DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
   SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Shanghai Shunye Electro...
DC34 SY-DC34 Datasheet
458Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
413Kb / 3P
   SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
   SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
   SILICON BIDIRECTIONAL DIAC
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
   SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com