Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB-C517A Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAB-C517A
Description  8-bit CMOS MICROCONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB-C517A Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAB-C517A Datasheet HTML 7Page - Infineon Technologies AG SAB-C517A Datasheet HTML 8Page - Infineon Technologies AG SAB-C517A Datasheet HTML 9Page - Infineon Technologies AG SAB-C517A Datasheet HTML 10Page - Infineon Technologies AG SAB-C517A Datasheet HTML 11Page - Infineon Technologies AG SAB-C517A Datasheet HTML 12Page - Infineon Technologies AG SAB-C517A Datasheet HTML 13Page - Infineon Technologies AG SAB-C517A Datasheet HTML 14Page - Infineon Technologies AG SAB-C517A Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Semiconductor Group
9
C517A
HWPD
36
60
I
Hardware Power Down
A low level on this pin for the duration of one
machine cycle while the oscillator is running
resets the C517A. A low level for a longer
period will force the part into hardware
power down mode with the pins floating.
There is no internal pullup resistor
connected to this pin.
P5.0 - P5.7
44 - 37
68 - 61
I/O
Port 5
is a quasi-bidirectional I/O port with internal
pull-up resistors. Port 5 pins that have 1 s
written to them are pulled high by the
internal pull-up resistors, and in that state
can be used as inputs. As inputs, port 5 pins
being externally pulled low will source
current (IIL, in the DC characteristics)
because of the internal pull-up resistors.
This port also serves the alternate function
"Concurrent Compare" and "Set/Reset
Compare". The secondary functions are
assigned to the port 5 pins as follows:
CCM0 to CCM7
P5.0 to P5.7 :
concurrent compare or
Set/Reset lines
OWE
4569I
Oscillator Watchdog Enable
A high level on this pin enables the oscillator
watchdog. When left unconnected this pin is
pulled high by a weak internal pull-up
resisitor. The logic level at OWE should not
be changed during normal operation. When
held at low level the oscillator watchdog
function is turned off. During hardware
power down the pullup resistor is switched
off.
*) I = Input
O = Output
Table 1
Pin Definitions and Functions
(cont’d)
6\PERO
3LQ1XPEHU
,2 )XQFWLRQ
304)3
3/&&


Similar Part No. - SAB-C517A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C517A-4R24M SIEMENS-SAB-C517A-4R24M Datasheet
479Kb / 67P
   8-Bit CMOS Microcontroller
SAB-C517A-4RM SIEMENS-SAB-C517A-4RM Datasheet
479Kb / 67P
   8-Bit CMOS Microcontroller
SAB-C517A-L24M SIEMENS-SAB-C517A-L24M Datasheet
479Kb / 67P
   8-Bit CMOS Microcontroller
SAB-C517A-LM SIEMENS-SAB-C517A-LM Datasheet
479Kb / 67P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C517A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com