Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-C505CA-4RC Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SAK-C505CA-4RC
Description  8-bit Single-Chip Microcontroller (Bare Die Delivery)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-C505CA-4RC Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SAK-C505CA-4RC Datasheet HTML 7Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 8Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 9Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 10Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 11Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 12Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 13Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 14Page - Infineon Technologies AG SAK-C505CA-4RC Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
C505CA-4RC
Step BB
Data Sheet
11
V1.3, 2000-12
XTAL1
15
I
3991
1193
Input to the inverting oscillator amplifier and
input to the internal clock generator circuits.
NC
16
-
3991
1355
Not connected
VSS
17
-
3991
1480
Ground (0V)
VSS
18
-
3991
1605
Ground (0V)
VSS
19
-
3991
1730
Ground (0V)
VDD
20
-
3991
1904
Power Supply (+5V)
VDD
21
-
3991
2029
Power Supply (+5V)
VDD
22
-
3991
2155
Power Supply (+5V)
P2.0
23
I/O
3991
2289
Port 2 general Input/Output (quasi-bidirectional)/
High-order address byte line A8
P2.1
24
I/O
3991
2423
Port 2 general Input/Output (quasi-bidirectional)/
High-order address byte line A9
P2.2
25
I/O
3991
2664
Port 2 general Input/Output (quasi-bidirectional)/
High-order address byte line A10
P2.3
26
I/O
3991
2980
Port 2 general Input/Output (quasi-bidirectional)/
High-order address byte line A11
P2.4
27
I/O
3991
3295
Port 2 Input/Output (quasi-bidirectional)/
High-order address byte line A12
P2.5
28
I/O
3537
3739
Port 2 general Input/Output (quasi-bidirectional)/
High-order address byte line A13
P2.6
29
I/O
3165
3739
Port 2 general nput/Output (quasi-bidirectional)/
High-order address byte line A14
P2.7
30
I/O
2785
3739
Port 2 general Input/Output (quasi-bidirectional)/
High-order address byte line A15
PSEN
31
O
2505
3739
Program Store Enable
ALE
32
O
2186
3739
Address Latch Enable
P4.1
33
I/O
1886
3739
Port 4 general Input/Output (quasi-bidirectional)/
Receiver input of CAN controller
EA
34
I
1588
3739
External Access Enable
Table 2
Pad Definition and Functions
Symbol Pad
Num.
In/
Out
(I/O)
Position
[µm]
Function
xy


Similar Part No. - SAK-C505CA-4RC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-C505CA-4EMCA INFINEON-SAK-C505CA-4EMCA Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - SAK-C505CA-4RC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C167CS-XC INFINEON-C167CS-XC Datasheet
980Kb / 24P
   16-Bit Single-Chip Microcontroller Bare Die Delivery
V1.0, Aug. 2001
TC1766 INFINEON-TC1766 Datasheet
1Mb / 32P
   32-Bit Single-Chip Microcontroller Bare Die Delivery
V1.10 2010-04
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com