Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB3210 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB3210
Description  Universal Serial Bus General-Purpose Device Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB3210_15 Datasheet HTML 5Page - Texas Instruments TUSB3210_15 Datasheet HTML 6Page - Texas Instruments TUSB3210_15 Datasheet HTML 7Page - Texas Instruments TUSB3210_15 Datasheet HTML 8Page - Texas Instruments TUSB3210_15 Datasheet HTML 9Page - Texas Instruments TUSB3210_15 Datasheet HTML 10Page - Texas Instruments TUSB3210_15 Datasheet HTML 11Page - Texas Instruments TUSB3210_15 Datasheet HTML 12Page - Texas Instruments TUSB3210_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
TUSB3210
CLOCK
12 MHz
R1
XI
XO
C1
C2
1M
Y1
TUSB3210
www.ti.com
SLLS466G – FEBRUARY 2001 – REVISED DECEMBER 2015
7.3 Feature Description
7.3.1 USB 2.0 Full-Speed Compliant
The TUSB3210 device s fully compliant with USB 2.0 full-speed; it supports 12 Mbits/s of USB data rate (full
speed) as well as supporting USB suspend, resume, and remote wake-up operation.
7.3.2 Code Space Available
The TUSB3210 device has 8K × 8 RAM for firmware development. This firmware can be loaded though USB or
using I2C serial interface from an EEPROM. The MCU executes a read from an external EEPROM and tests to
determine if it contains the code (test for boot signature). If it contains the code, the MCU reads from EEPROM
and writes to the 8K RAM in XDATA space. If not, the MCU proceeds to boot from the USB.
7.3.3 Clock Generation
The TUSB3210 device accepts a 12-MHz crystal input to drive an internal oscillator of 48 MHz. If a clock is
provided to X1 instead of a crystal, X2 is left open. Otherwise, if a crystal is used, the connection must follow the
guidelines shown in Figure 1. Because X1 and X2 are coupled to other leads and supplies on the PCB, it is
important to keep the leads as short as possible and away from any switching leads. TI also recommends
minimizing the capacitance between X1 and X2, which can be accomplished by shielding C1 and C2 with the
clean ground lines.
Figure 1. Clock Generation Diagram
7.3.4 UART Interface
The TUSB3210 device can use P3.0 and P3.1 as UART port; this UART is normally used for debug purposes.
7.4 Device Functional Modes
7.4.1 Interface Configuration
The TUSB3210 device contains onboard ROM microcode, which enables the MCU to enumerate the device as a
USB peripheral. The ROM microcode can also load application code into internal RAM from either external
memory through the I2C bus or from the host through the USB.
7.4.2 GPIO Controller
The TUSB3210 device is a USB-based controller targeted as a general-purpose MCU with GPIO. The
TUSB3210 device has 8K × 8 RAM space for application development to control these GPIOs.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TUSB3210


Similar Part No. - TUSB3210_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
More results

Similar Description - TUSB3210_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB3210 TI-TUSB3210 Datasheet
173Kb / 44P
[Old version datasheet]   UNIVERSAL SERIAL BUS GENERAL-PURPOSE DEVICE CONTROLLER
TUSB3210 TI-TUSB3210_1 Datasheet
401Kb / 45P
[Old version datasheet]   Universal Serial Bus General-Purpose Device Controller
logo
NXP Semiconductors
ISP1161A1 PHILIPS-ISP1161A1 Datasheet
599Kb / 136P
   Universal Serial Bus single-chip host and device controller
Rev. 03-23 December 2004
logo
Texas Instruments
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC3831 TI-UCC3831 Datasheet
144Kb / 4P
[Old version datasheet]   Universal Serial Bus Power Controller
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
[Old version datasheet]   Universal Serial Bus Power Controller
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
   HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com