Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C164CM-4EF Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SAF-C164CM-4EF
Description  16-Bit Single-Chip Microcontrol ler
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C164CM-4EF Datasheet(HTML) 5 Page - Infineon Technologies AG

  SAF-C164CM-4EF Datasheet HTML 1Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 2Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 3Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 4Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 5Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 6Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 7Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 8Page - Infineon Technologies AG SAF-C164CM-4EF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
Data Sheet
1
V1.0, 2001-05
C164CM
16-Bit Single-Chip Microcontroller
C166 Family
C164CM, C164SM
• High Performance 16-bit CPU with 4-Stage Pipeline
– 80 ns Instruction Cycle Time at 25 MHz CPU Clock
– 400 ns Multiplication (16
× 16 bit), 800 ns Division (32 / 16 bit)
– Enhanced Boolean Bit Manipulation Facilities
– Additional Instructions to Support HLL and Operating Systems
– Register-Based Design with Multiple Variable Register Banks
– Single-Cycle Context Switching Support
– 16 MBytes Total Linear Address Space for Code and Data
– 1024 Bytes On-Chip Special Function Register Area
• 16-Priority-Level Interrupt System with 32 Sources, Sample-Rate down to 40 ns
• 8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via
Peripheral Event Controller (PEC)
• Clock Generation via on-chip PLL (factors 1:1.5/2/2.5/3/4/5),
via prescaler or via direct clock input
• On-Chip Memory Modules
– 2 KBytes On-Chip Internal RAM (IRAM)
– 32 KBytes On-Chip Program Mask ROM or OTP Memory
• On-Chip Peripheral Modules
– 8-Channel 10-bit A/D Converter with Programmable Conversion Time
down to 7.8
µs
– 12-Channel General Purpose Capture/Compare Unit (CAPCOM2)
– Capture/Compare Unit for flexible PWM Signal Generation (CAPCOM6)
(3/6 Capture/Compare Channels and 1 Compare Channel)
– Multi-Functional General Purpose Timer Unit with 3 Timers
– Two Serial Channels (Synchronous/Asynchronous and High-Speed-Synchronous)
– On-Chip CAN Interface (Rev. 2.0B active) with 15 Message Objects
(Full CAN/Basic CAN)
– On-Chip Real Time Clock
• Up to 64 KBytes External Address Space for Code and Data
– Programmable External Bus Characteristics for Different Address Ranges
– Multiplexed External Address/Data Bus with
- 8-Bit Data Bus Width (2 KBytes Address Space, A10 … A0, Serial Interfaces)
- 16-Bit Data Bus Width (64 KBytes Address Space, A15 … A0)
• Idle, Sleep, and Power Down Modes with Flexible Power Management
• Programmable Watchdog Timer and Oscillator Watchdog
• Up to 50 General Purpose I/O Lines


Similar Part No. - SAF-C164CM-4EF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C164CI INFINEON-SAF-C164CI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-8EM INFINEON-SAF-C164CI-8EM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-8R25M INFINEON-SAF-C164CI-8R25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-8RM INFINEON-SAF-C164CI-8RM Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
SAF-C164CI-L25M INFINEON-SAF-C164CI-L25M Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results

Similar Description - SAF-C164CM-4EF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM6010 SHARP-SM6010 Datasheet
25Kb / 2P
   16-Bit Single- Chip Microcomputer
logo
Infineon Technologies A...
XC164CS INFINEON-XC164CS Datasheet
2Mb / 71P
   16-Bit Single-Chip Microcontroller
V2.1, Jun. 2003
C164CM INFINEON-C164CM_2 Datasheet
4Mb / 470P
   16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C167CS-4R INFINEON-C167CS-4R_01 Datasheet
975Kb / 81P
   16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
logo
Renesas Technology Corp
M3776AM8A RENESAS-M3776AM8A Datasheet
26Kb / 3P
   SINGLE-CHIP 16-BIT MICROCOMPUTER
7733 RENESAS-7733 Datasheet
8Mb / 940P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2626 RENESAS-H8S-2626 Datasheet
5Mb / 1069P
   16-Bit Single-Chip Microcomputer
H8S-2655 RENESAS-H8S-2655 Datasheet
5Mb / 1091P
   16-Bit Single-Chip Microcomputer
H8-3022 RENESAS-H8-3022 Datasheet
3Mb / 712P
   16-Bit Single-Chip Microcomputer
logo
Infineon Technologies A...
XC161CJ INFINEON-XC161CJ Datasheet
2Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.2, Jun. 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com