Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB542RWQR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB542RWQR
Description  USB Type-C 5 Gbps Redriver 2:1 MUX
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB542RWQR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB542RWQR Datasheet HTML 3Page - Texas Instruments TUSB542RWQR Datasheet HTML 4Page - Texas Instruments TUSB542RWQR Datasheet HTML 5Page - Texas Instruments TUSB542RWQR Datasheet HTML 6Page - Texas Instruments TUSB542RWQR Datasheet HTML 7Page - Texas Instruments TUSB542RWQR Datasheet HTML 8Page - Texas Instruments TUSB542RWQR Datasheet HTML 9Page - Texas Instruments TUSB542RWQR Datasheet HTML 10Page - Texas Instruments TUSB542RWQR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
tr
80%
20%
tf
tidleExit
IN+
Vcm
IN±
tidleEntry
VEID_TH
OUT+
Vcm
OUT±
IN
tDIFF_DLY
OUT
tDIFF_DLY
7
TUSB542
www.ti.com
SLLSER3B – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB542
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.9 Timing Requirements
MIN
NOM
MAX
UNIT
tIDLEEntry
Delay from U0 to electrical idle.
See Figure 2
6
ns
tIDLEExit_U1
U1 exit time: break in electrical idle to the
transmission of LFPS
See Figure 2
6
ns
tIDLEExit_U2U3
U2/U3 exit time: break in electrical idle to
transmission of LFPS
From the time when the far end
terminations detected for both ports
1
µs
tIDLEExit_DISC
U2/U3 exit time: break in electrical idle to
transmission of LFPS
From the time when the far end
terminations detected for both ports
2
µs
tDIFF-DLY
Differential propagation delay.
See Figure 1
225
ps
tPWRUPACTIVE
Time when VCC reach 80% to device active
30
ms
6.10 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTX-RISE-FALL
Transmitter rise/fall time (see Figure 3)
20% to 80% of differential output. At
device pins.
80
ps
tRF-MISMATCH
Transmitter rise/fall mismatch
20% to 80% of differential output. At
device pins
2.3
ps
Figure 1. Propagation Delay Timing
Figure 2. Electrical Idle Mode Exit and Entry Delay Timing
Figure 3. Output Rise and Fall Times


Similar Part No. - TUSB542RWQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544I TI1-TUSB544I Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544IRNQR TI1-TUSB544IRNQR Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544IRNQT TI1-TUSB544IRNQT Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544RNQR TI1-TUSB544RNQR Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
More results

Similar Description - TUSB542RWQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
[Old version datasheet]   14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
[Old version datasheet]   USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS2522 TI1-HD3SS2522 Datasheet
1Mb / 25P
[Old version datasheet]   USB Type-C SS MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com