Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB542 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB542
Description  USB Type-C 5 Gbps Redriver 2:1 MUX
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB542 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB542 Datasheet HTML 5Page - Texas Instruments TUSB542 Datasheet HTML 6Page - Texas Instruments TUSB542 Datasheet HTML 7Page - Texas Instruments TUSB542 Datasheet HTML 8Page - Texas Instruments TUSB542 Datasheet HTML 9Page - Texas Instruments TUSB542 Datasheet HTML 10Page - Texas Instruments TUSB542 Datasheet HTML 11Page - Texas Instruments TUSB542 Datasheet HTML 12Page - Texas Instruments TUSB542 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
TUSB542
www.ti.com
SLLSER3B – DECEMBER 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB542
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
6.11.2 24-Inch Pre Channel
880 mV
5 Gbps
Figure 7. Input Signal: 24-Inch Input Trace
Figure 8. Output Signal: 12-Inches Output Trace
Figure 9. Output Signal: 24-Inches Output Trace


Similar Part No. - TUSB542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544I TI1-TUSB544I Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544IRNQR TI1-TUSB544IRNQR Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544IRNQT TI1-TUSB544IRNQT Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB544RNQR TI1-TUSB544RNQR Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
More results

Similar Description - TUSB542

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
[Old version datasheet]   USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
[Old version datasheet]   14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
HD3SS3220 TI1-HD3SS3220 Datasheet
1,003Kb / 43P
[Old version datasheet]   USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
HD3SS2522 TI1-HD3SS2522 Datasheet
1Mb / 25P
[Old version datasheet]   USB Type-C SS MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com