Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD13S523 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPD13S523
Description  13-Channel ESD Protection Solution
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD13S523 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD13S523_15 Datasheet HTML 3Page - Texas Instruments TPD13S523_15 Datasheet HTML 4Page - Texas Instruments TPD13S523_15 Datasheet HTML 5Page - Texas Instruments TPD13S523_15 Datasheet HTML 6Page - Texas Instruments TPD13S523_15 Datasheet HTML 7Page - Texas Instruments TPD13S523_15 Datasheet HTML 8Page - Texas Instruments TPD13S523_15 Datasheet HTML 9Page - Texas Instruments TPD13S523_15 Datasheet HTML 10Page - Texas Instruments TPD13S523_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
-40
-15
10
35
60
85
Temperature - °C
0
1
2
3
4
5
6
7
8
9
10
-40
-15
10
35
60
85
Temperature - °C
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
0
10
20
30
40
50
60
70
80
90
100
Time - S
m
V5VS
V5VO
TPD13S523
www.ti.com
SLVSBC5D – MARCH 2012 – REVISED OCTOBER 2015
Typical Characteristics (continued)
CIN = 1 µF
COUT = 1µF
ISWITCH = 55 mA
TA = 25°C
5V_SUPPLY = 5 V
5V_OUT = Open
Figure 7. Load Switch Start-Up Transient Waveform
Figure 8. Load Switch Supply Current
Figure 9. Load Switch Resistance vs Temperature
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPD13S523


Similar Part No. - TPD13S523_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523PWR TI1-TPD13S523PWR Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
More results

Similar Description - TPD13S523_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD13S523 TI1-TPD13S523 Datasheet
838Kb / 16P
[Old version datasheet]   13 Channel ESD Protection Solution with Current-Limit Load Switch for HDMI Port
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD4S014 TI1-TPD4S014 Datasheet
681Kb / 15P
[Old version datasheet]   COMPLETE PROTECTION SOLUTION FOR USB CHARGER PORT INCLUDING ESD
logo
ON Semiconductor
CM1242-33CP ONSEMI-CM1242-33CP_12 Datasheet
85Kb / 4P
   1-Channel ESD Protection
January, 2012 ??Rev. 6
logo
TECH PUBLIC Electronics...
TPD2E007DCKR-TP TECHPUBLIC-TPD2E007DCKR-TP Datasheet
1Mb / 4P
   2-Channel ESD Protection
logo
California Micro Device...
PACDN006 CALMIRCO-PACDN006 Datasheet
82Kb / 3P
   6 CHANNEL ESD PROTECTION ARRAY
PDN002 CALMIRCO-PDN002 Datasheet
37Kb / 1P
   17 CHANNEL ESD PROTECTION ARRAY
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
   Dual Channel ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com