Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C505CA-4RC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # C505CA-4RC
Description  8-bit Single-Chip Microcontroller (Bare Die Delivery)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C505CA-4RC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button C505CA-4RC Datasheet HTML 3Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 4Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 5Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 6Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 7Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 8Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 9Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 10Page - Infineon Technologies AG C505CA-4RC Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
C505CA-4RC
Step BB
Data Sheet
7
V1.3, 2000-12
Ordering Information
Table 1
Bare Die Ordering Information
Type
Ordering Code
Wafers
Comments
SAK-C505CA-LC
TBD
Whole/Sawn
8-bit microcontroller with
Temperature range:
-40
°C to +125 °C
(max. operating frequency:
20 MHz with 50% duty cycle)
SAA-C505CA-LC
TBD
Whole/Sawn
8-bit microcontroller with
Temperature range:
-40
°C to +150 °C
(max. operating frequency:
20 MHz with 50% duty cycle)
SAK-C505CA-4RC
TBD
Whole/Sawn
8-bit microcontroller with
32K bytes ROM
Temperature range:
-40
°C to +125 °C
(max. operating frequency:
20 MHz with 50% duty cycle)
SAA-C505CA-4RC
TBD
Whole/Sawn
8-bit microcontroller with
32K bytes ROM
Temperature range:
-40
°C to +150 °C
(max. operating frequency:
20 MHz with 50% duty cycle)
Note: The ordering codes for the Mask-ROM versions (DXXXX extension) are defined for each product after
verification of the respective ROM code.
Note: Versions for the temperature range 0 °C to 70 °C (SAB-C505) and -40 °C to 85 °C (SAF-C505) are
available on request.


Similar Part No. - C505CA-4RC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C505CA-4R INFINEON-C505CA-4R Datasheet
1Mb / 88P
   8-Bit Single-Chip Microcontroller
Dec. 2000
More results

Similar Description - C505CA-4RC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C167CS-XC INFINEON-C167CS-XC Datasheet
980Kb / 24P
   16-Bit Single-Chip Microcontroller Bare Die Delivery
V1.0, Aug. 2001
TC1766 INFINEON-TC1766 Datasheet
1Mb / 32P
   32-Bit Single-Chip Microcontroller Bare Die Delivery
V1.10 2010-04
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com