Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C0402C222K5RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part No. C0402C222K5RACAUTO
Description  Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 2200 pF, /-10% Tol, 50 V, X7R, 0402 (1005 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

C0402C222K5RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 12/22/2015 - ca69738f-a3a8-44ce-81d2-990e48f2284e
KEMET Part Number: C0402C222K5RACAUTO
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Automotive Grade, 2200 pF, +/-10% Tol, 50 V, X7R, 0402 (1005 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
1
+/-0.05
W
0.5
+/-0.05
T
0.5
+/-0.05
B
0.3
+/-0.1
S
0.3
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 10000
General Information
Supplier: KEMET
Application: Automotive (AEC-Q200
Qualified)
Chip Size: 0402 (1005 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 2200 pF
Voltage: 50 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 125 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn