Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C164SM Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # C164SM
Description  16-Bit Single-Chip Microcontrol ler
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164SM Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button C164SM Datasheet HTML 7Page - Infineon Technologies AG C164SM Datasheet HTML 8Page - Infineon Technologies AG C164SM Datasheet HTML 9Page - Infineon Technologies AG C164SM Datasheet HTML 10Page - Infineon Technologies AG C164SM Datasheet HTML 11Page - Infineon Technologies AG C164SM Datasheet HTML 12Page - Infineon Technologies AG C164SM Datasheet HTML 13Page - Infineon Technologies AG C164SM Datasheet HTML 14Page - Infineon Technologies AG C164SM Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
C164CM
C164SM
Data Sheet
7
V1.0, 2001-05
P20
P20.0
P20.1
P20.4
P20.5
P20.8
P20.12
28
29
30
31
34
35
IO
O
O
O
I
O
O
O
Port 20 is a 6-bit bidirectional I/O port (no P20.5 output driver
in the OTP versions). It is bit-wise programmable for input or
output via direction bits. For a pin configured as input, the
output driver is put into high-impedance state.
The following Port 20 pins also serve for alternate functions:
RD
External Memory Read Strobe, activated for
every external instruction or data read access.
WR
External Memory Write Strobe, activated for
every external data write access.
ALE
Address Latch Enable Output.
Can be used for latching the address into external memory
or an address latch in the multiplexed bus modes.
EA
External Access Enable pin.
A low level at this pin during and after Reset forces the
C164CM to latch the configuration from PORT0 and pin RD,
and to begin instruction execution out of external memory.
A high level forces the C164CM to latch the configuration
from pins RD, ALE, and WR, and to begin instruction
execution out of the internal program memory.
“ROMless” versions must have this pin tied to ‘0’.
VPP
OTP Programming voltage
The OTP versions of the C164CM receive the programming
voltage via this pin. (No output driver for P20.5 in this case!)
CLKOUT
System Clock Output (= CPU Clock),
FOUT
Programmable Frequency Output
RSTOUT
Internal Reset Indication Output. This pin is set
to a low level when the part is executing either a hardware-,
a software- or a watchdog timer reset. RSTOUT remains low
until the EINIT (end of initialization) instruction is executed.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function


Similar Part No. - C164SM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
C164SM INFINEON-C164SM Datasheet
4Mb / 470P
   16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C164SM-4R INFINEON-C164SM-4R Datasheet
4Mb / 470P
   16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
More results

Similar Description - C164SM

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM6010 SHARP-SM6010 Datasheet
25Kb / 2P
   16-Bit Single- Chip Microcomputer
logo
Infineon Technologies A...
XC164CS INFINEON-XC164CS Datasheet
2Mb / 71P
   16-Bit Single-Chip Microcontroller
V2.1, Jun. 2003
C164CM INFINEON-C164CM_2 Datasheet
4Mb / 470P
   16-Bit Single-Chip Microcontroller
V1.0, Feb. 2002
C167CS-4R INFINEON-C167CS-4R_01 Datasheet
975Kb / 81P
   16-Bit Single-Chip Microcontroller
V2.2, Aug. 2001
logo
Renesas Technology Corp
M3776AM8A RENESAS-M3776AM8A Datasheet
26Kb / 3P
   SINGLE-CHIP 16-BIT MICROCOMPUTER
7733 RENESAS-7733 Datasheet
8Mb / 940P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2626 RENESAS-H8S-2626 Datasheet
5Mb / 1069P
   16-Bit Single-Chip Microcomputer
H8S-2655 RENESAS-H8S-2655 Datasheet
5Mb / 1091P
   16-Bit Single-Chip Microcomputer
H8-3022 RENESAS-H8-3022 Datasheet
3Mb / 712P
   16-Bit Single-Chip Microcomputer
logo
Infineon Technologies A...
XC161CJ INFINEON-XC161CJ Datasheet
2Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.2, Jun. 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com