Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1-HARU Datasheet(PDF) 7 Page - STMicroelectronics

Part # SR1-HARU
Description  Integrated test mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-HARU Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SR1-HARU Datasheet HTML 3Page - STMicroelectronics SR1-HARU Datasheet HTML 4Page - STMicroelectronics SR1-HARU Datasheet HTML 5Page - STMicroelectronics SR1-HARU Datasheet HTML 6Page - STMicroelectronics SR1-HARU Datasheet HTML 7Page - STMicroelectronics SR1-HARU Datasheet HTML 8Page - STMicroelectronics SR1-HARU Datasheet HTML 9Page - STMicroelectronics SR1-HARU Datasheet HTML 10Page - STMicroelectronics SR1-HARU Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID026048 Rev 2
7/21
SR1
Typical application diagrams
21
4
Typical application diagrams
Figure 4. Typical application diagram - input, output and SR1 device in one voltage
domain
Figure 5. Typical application diagram - SR1 device in a different voltage domain than
input and output
1.
Open-drain RST output type and fixed SR input logic threshold allows to use the device in different voltage
domains. To prevent entering test mode by creating a condition V(SR) > VCC + 1.1 V typ., VCC should be
powered up before or together with voltage on the SR input.
SR1
AM07466v1
RST
VSS
SR
SR1
VCC
VCC
VSS
VDD
RESET
INT/ NMI
PUSH - BUTTON
SWITCH
MCU
VDD
AM07466v2


Similar Part No. - SR1-HARU

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SR1-01100FZM AAC-SR1-01100FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-0160FZM AAC-SR1-0160FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-02100FZM AAC-SR1-02100FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-0260FZM AAC-SR1-0260FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
SR1-03100FZM AAC-SR1-03100FZM Datasheet
110Kb / 1P
   CURRENT SHUNT RESISTORS
More results

Similar Description - SR1-HARU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6524 STMICROELECTRONICS-STM6524 Datasheet
285Kb / 24P
   Integrated test mode
August 2012 Rev 3
logo
List of Unclassifed Man...
AEC-Q100-REV-H ETC-AEC-Q100-REV-H Datasheet
814Kb / 48P
   FAILURE MECHANISM BASED STRESS TEST QUALIFICATION FOR INTEGRATED CIRCUITS
September 11, 2014
logo
ON Semiconductor
NUC2401MN ONSEMI-NUC2401MN_10 Datasheet
145Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
January, 2010 ??Rev. 2
NUC2401MN ONSEMI-NUC2401MN Datasheet
175Kb / 4P
   Integrated Common Mode Choke with Integrated ESD Protection
May, 2009 ??Rev. 1
logo
Schurter Inc.
0040.1021 SCHURTER-0040.1021 Datasheet
116Kb / 1P
   TEST JACKS, TEST PROBES
0040.1211 SCHURTER-0040.1211 Datasheet
377Kb / 1P
   TEST JACKS, TEST PROBES
logo
Pulse A Technitrol Comp...
PA4040.XXXNL PULSE-PA4040.XXXNL Datasheet
536Kb / 2P
   THT Integrated Common Mode and Differential Mode Choke
PA4040.001NL PULSE-PA4040.001NL Datasheet
536Kb / 2P
   THT Integrated Common Mode and Differential Mode Choke
logo
Fairchild Semiconductor
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
logo
List of Unclassifed Man...
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com