Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDDJE33300 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDJE33300
Description  10A 250V AC Qualified Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJE33300 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SDDJE33300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJE33300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJE33300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDDJE33300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDDJE33300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SDDJE33300 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
158
158
List of Varieties
Power Switches
Type
Push
Rocker
Series
SDKR
SDDH
SDKN
SDDJE ※1
    ※ 2
SDDJF ※1
    ※ 2
Photo
Rating
0.5A 250V AC
1A 125V AC
10mA 5V DC
Rating(max.):4.5A 12V DC
(Lamp load: 27W×2)
Rating(min.):10mA 12V DC
(Resistive load)
0.25A 250V AC
0.5A 125V AC
5mA 5V DC
10AGP 250V AC
6A / 96A 250V〜
16AGP 250V AC
16(6)/ 250〜
Operating life
100,000cycles
100,000 cycles
5,200cycles
10,000cycles
0.5A 250V AC
0.25A 250V AC
10A 250V AC
16A 250V AC
Travel(mm)
1.5
3.7
9
9.7
3.4
5.2
Features
Water-proof type
With signal circuit
Water-proof
(IP68 rating)
Operating temperature range
−10℃ to +85℃
−15℃ to+80℃
−20℃ to +60℃
−10℃ to +55℃
Automotive use
Life cycle (availability)
Electrical
performance
Contact
resistance
100mΩ max.( AC switch)
500mΩ max.(DC switch)
500mΩ max.
100mΩ max.
100mΩ max.
Insulation
resistance
500MΩ min. 500V DC
(AC switch)
100MΩ min. 100V DC
(DC switch)
10MΩ min. 500V DC
100MΩ min. 500V DC
500MΩ min. 500V DC
Voltage proof
1000V AC for 1minute
(AC switch)
100V AC for 1minute
(DC switch)
500V AC for 1minute 600V AC for 1minute
2,000V AC for 1minute
Mechanical
performance
Terminal strength
5N for 1minute
Slider pull-out strength:
100N min.
50N for 1minute
50N for 1minute
(Lead terminal)
5N for 1minute
(Right-angle terminal)
60N for 1minute
(Lead terminal)
10N for 1minute
(Right-angle terminal)
Actuator
strength
Operating
direction
100N
20N
25N
Perpendicular
direction
20N
30N
25N
Environmental
performance
Cold
−20℃ 240h
−15℃ 96h
−30℃ 192h
−20℃ 96h
Dry heat
85℃ 240h
80℃ 96h
70℃ 192h 
85℃ 96h
Damp heat
60℃,
90 to 95%RH 1000h
40℃, 90 to 95%RH 192h
40℃, 90 to 95%RH 96h
Page
160
161
162
164
168
Power Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 176
Power Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 176
Power Switches Safety Standard ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 176
Notes
1. ※1. Dip soldering can be used on SDDJE for PC board terminal and SDDJF right angle terminal types only.
2. ※2. The operating temperature range for automotive applications can be raised upon request. Please contact us for details.
3. Indicates applicability to all products in the series, while indicates applicability to some products in the series.


Similar Part No. - SDDJE33300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE33300 ALPS-SDDJE33300 Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
More results

Similar Description - SDDJE33300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
   0.5A 125V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
   0.5A 125V AC Qualified Type
logo
Eldeco Srl
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com