Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDDJE30200 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SDDJE30200
Description  10A 250V AC Qualified Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDDJE30200 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SDDJE30200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDDJE30200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDDJE30200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SDDJE30200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SDDJE30200 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SDDJE30200 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
167
167
SDDJE/10A 250V AC Qualified Type
Z
Y1
0.75 to 1.25
19.20− 0.1
12.9+ 0.1
0
19.40− 0.1
1.25 to 2.00
Thickness of
mounting board
Y1
Z
Z
Y2
Unit:mm
Square-shaped Hole
Mounting Hole Dimensions
Marking Variety
Without marking
With I, O marking
With ー, O marking
With ● marking
Verify the performance under actual product conditions before use.
Note
0.75 to 1.1
19.5 0− 0.1
12.9+ 0.1
0
19.7 0− 0.1
1.1 to 1.7
19.9 0− 0.1
1.7 to 2
Thickness of
mounting board
Y2
Z
Unit:mm
U-shaped Hole


Similar Part No. - SDDJE30200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE30200 ALPS-SDDJE30200 Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
More results

Similar Description - SDDJE30200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDDJE ALPS-SDDJE Datasheet
182Kb / 5P
   10A 250V AC Qualified Type
SDDJF ALPS-SDDJF Datasheet
125Kb / 3P
   16A 250V AC Qualified Type
SDDJF ALPS-SDDJF_15 Datasheet
912Kb / 4P
   16A 250V AC Qualified Type
SDKG ALPS-SDKG Datasheet
94Kb / 3P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKH ALPS-SDKH Datasheet
85Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKP ALPS-SDKP Datasheet
93Kb / 2P
   5A 250V AC Qualified Primary Input Voltage Selection Type
SDKN ALPS-SDKN Datasheet
113Kb / 3P
   0.5A 125V AC Qualified Type
SDKN ALPS-SDKN_15 Datasheet
855Kb / 4P
   0.5A 125V AC Qualified Type
logo
Eldeco Srl
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com