Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS30H12AA003 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # RS30H12AA003
Description  Compact total length of travel 15mm and improved operating feel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS30H12AA003 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  RS30H12AA003 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS30H12AA003 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS30H12AA003 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS30H12AA003 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS30H12AA003 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS30H12AA003 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS30H12AA003 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS30H12AA003 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
399
Dimensions
Unit:mm
1.8
5
2
C1
4
30
0.6
0.4
Mounting surface
1.1
15
1.8
5
2
C1
4
30
0.6
0.4
Mounting surface
1.1
15
27.5
22.5
32.5
1
6-ø0.8 hole
2-ø1.6 hole
L
3L LL L2
L: Lug terminal
2
5
45
0.6
0.4
1.1
30
(R0.3)
Mounting surface
37.5
32.5
42.5
1
6-ø0.8 hole
2-ø1.6 hole
L
3L LL L2
L : Lug terminal
The length of Lever(L1)can be customized. Refer to P.402 for details.
2
5
45
0.6
0.4
1.1
30
(R0.3)
Mounting surface
22.5
17.5
27.5
6-ø0.8 hole
2-ø1.6 hole
L
L
3
1
L
L : Lug terminal
LL 2
No.
1
Style
PC board mounting hole dimensions
(Viewed from mounting side)
2
3
L1
9.5
14.5
Packing Specifications
Tray
Travel(mm)
Direction of lever
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan 1 case /export packing
15
Vertical
2,900
5,800
378×514×512
Horizontal
2,750
5,500
374×508×408
20
Vertical
2,500
5,000
378×514×512
Horizontal
2,750
5,500
374×508×408
30
Vertical
2,000
4,000
378×514×512
Horizontal
1,980
3,960
374×508×408
RS□□H/Slim SlideTM(Slim 4)


Similar Part No. - RS30H12AA003

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS30H12AA003 ALPS-RS30H12AA003 Datasheet
986Kb / 8P
   Compact total length of travel 15mm
logo
List of Unclassifed Man...
RS30H12AA003 ETC-RS30H12AA003 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS30H12AA003

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-H ALPS-RS-H Datasheet
986Kb / 8P
   Compact total length of travel 15mm
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
   Compact and good operational feel, suitable for mixing console faders
RKJXU ALPS-RKJXU Datasheet
785Kb / 2P
   Omnidirectional input device realizing a smooth operating feel
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
   Low-profile tilting stick controller with excellent operating feel
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com