Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC574K70E5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC574K70E5
Description  32-bit Power Architecture based MCU for automotive applications
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K70E5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC574K70E5 Datasheet HTML 7Page - STMicroelectronics SPC574K70E5 Datasheet HTML 8Page - STMicroelectronics SPC574K70E5 Datasheet HTML 9Page - STMicroelectronics SPC574K70E5 Datasheet HTML 10Page - STMicroelectronics SPC574K70E5 Datasheet HTML 11Page - STMicroelectronics SPC574K70E5 Datasheet HTML 12Page - STMicroelectronics SPC574K70E5 Datasheet HTML 13Page - STMicroelectronics SPC574K70E5 Datasheet HTML 14Page - STMicroelectronics SPC574K70E5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 127 page
background image
DocID023601 Rev 5
11/127
SPC574Kxx
Introduction
126
1.4
Block diagram
Figure 1 and Figure 2 show the top-level block diagrams.
Self-test control unit (STCU2)
Yes
PLL
Dual PLL with FM
Internal linear voltage regulator
1.2 V
External power supplies
5 V
3.3 V(2)
Low-power modes
Stop mode
Slow mode
Packages
eTQFP144
eLQFP176
172-pin FusionQuad®(3)
216-pin FusionQuad®(3)
1.
One of the two MSC DSPIs is remapped to be used as sync SCI.
2.
Optional: can be used for special I/O segments.
3.
Also available in a 172-pin FusionQuad® package, which allows an eTQFP144 pin-compatible package for development,
and in a 216-pin FusionQuad® package, which allows an eLQFP176 pin-compatible package for development.
Table 2. SPC574Kxx device feature summary(Continued)
Feature
Description


Similar Part No. - SPC574K70E5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC574KADPT144S STMICROELECTRONICS-SPC574KADPT144S Datasheet
228Kb / 4P
   SPC574KADPT144S microcontroller premium evaluation board for SPC574Kx
July 2015 Rev 1
More results

Similar Description - SPC574K70E5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
SPC560D30L3 STMICROELECTRONICS-SPC560D30L3 Datasheet
686Kb / 90P
   32-bit MCU family built on the Power Architecture for automotive body electronics applications
logo
Freescale Semiconductor...
MPC5604B FREESCALE-MPC5604B_10 Datasheet
1Mb / 106P
   32-bit MCU family built on the Power Architecture for automotive
logo
STMicroelectronics
SPC584NX STMICROELECTRONICS-SPC584NX Datasheet
2Mb / 158P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
December 2021 Rev 6
SPC584G80C3 STMICROELECTRONICS-SPC584G80C3 Datasheet
2Mb / 139P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019 DS11758 Rev 6
SPC58EEX STMICROELECTRONICS-SPC58EEX Datasheet
2Mb / 154P
   32-bit Power Architecture microcontroller for automotive ASIL-D applications
July 2019
SPC584BX STMICROELECTRONICS-SPC584BX Datasheet
3Mb / 142P
   32-bit Power Architecture microcontroller for automotive ASIL-B applications
September 2019
logo
List of Unclassifed Man...
NUC745 ETC2-NUC745 Datasheet
8Mb / 420P
   32-BIT ARM7TDMI-BASED MCU
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
   ARM-based 32-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com