Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3011114A02 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RS3011114A02
Description  Solderable with auto dipping and available in a wide variety
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS3011114A02 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

Back Button RS3011114A02 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RS3011114A02 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
395
Marked are specifications recommended by Alps.
Note
Single-unit
Single-unit(with lug terminal)(RS6011Y only) Dual-unit
1
L :
Lug terminal
3
2
In addition to the products listed, we can accommodate the follow specifications.
Resistance taper
1B
4B
10A
15A
Refer to P.397 for ordering products not listed.
Travel Distance Variety
Rated Power
Maximum Operating Voltage
Resistance Taper
Travel(mm)
15
20
30
45
60
Totalresistance(k Ω)
10
20
50
100
200
Total Resistance Variety
DC(10V DC)is also available.(Tapped types are not available)
Note
Terminal Layout / Circuit Diagram(Viewed from Mounting Side)
Travel
Single-unit
Dual-unit
1B
4B, 10A, 15A
1B, 3B
4B, 10A, 15A
15mm
0.05W
0.025W
0.025W
0.012W
20mm
0.1W
0.05W
0.05W
0.025W
30mm
0.2W
0.1W
0.1W
0.05W
45mm
0.25W
0.125W
0.125W
0.06W
60mm
0.2W
0.1W
0.2W
0.1W
Travel
Single-unit
Dual-unit
1B
4B, 10A, 15A
1B, 3B
4B, 10A, 15A
15mm
100V AC, 10V DC 50V AC, 10V DC
100V AC, 10V DC 50V AC, 10V DC
20mm
200V AC, 10V DC 150V AC, 10V DC
30mm
200V AC, 10V DC 150V AC, 10V DC
45mm
60mm
3B
Super SlideTM (Standard Type) / Other Specifications


Similar Part No. - RS3011114A02

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS3011114A02 ALPS-RS3011114A02 Datasheet
281Kb / 9P
   Standard Type竊늆uper SlideTM)
RS3011114A02 ALPS-RS3011114A02 Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
logo
List of Unclassifed Man...
RS3011114A02 ETC-RS3011114A02 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS3011114A02

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-1 ALPS-RS-1 Datasheet
1Mb / 11P
   Solderable with auto dipping and available in a wide variety
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
AVAGO TECHNOLOGIES LIMI...
SFH350 AVAGO-SFH350 Datasheet
402Kb / 6P
   Auto insertable and Wave solderable
logo
Murata Manufacturing Co...
CSACW22M5X53-R0 MURATA-CSACW22M5X53-R0 Datasheet
186Kb / 3P
   Available in a wide frequency range
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
logo
Aries Electronics, Inc.
625 ARIES-625 Datasheet
937Kb / 1P
   Available in either Screw Machine or Coined Contacts in a Variety of Styles
logo
Shanghai Leiditech Elec...
HL90-250 LEIDITECH-HL90-250 Datasheet
375Kb / 3P
   Telecom and wide variety of electronic equipment
logo
Laird Tech Smart Techno...
S24493D LSTD-S24493D Datasheet
681Kb / 1P
   Variety of cable lengths and connectors available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com