Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS20H11AA019 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # RS20H11AA019
Description  Compact total length of travel 15mm and improved operating feel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS20H11AA019 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  RS20H11AA019 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS20H11AA019 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS20H11AA019 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS20H11AA019 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS20H11AA019 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS20H11AA019 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS20H11AA019 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS20H11AA019 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
403
When ordering product varieties that are not listed, specify referring to the examples below.
Sample Part Number
Lever types
Resistance taper
Code
A
Resistance taper
15A
B
1B
V
3B
Code
A
C
D
R S 3 0 H 1 1 1
A 0 9 5
B 1 0 3
Number of resistor elements
Single-unit
Dual-unit
1
2
Length of lever
Code
045
Length L1(mm)
4.5
095
9.5
145
14.5
Direction of lever and presence of center detent
Code
1
3
A
C
Direction of lever
Center detent
Vertical
Without
With
Without
With
Horizontal
Travel(mm)
15, 20, 30
Code
Total resistance
(k Ω)
502
5
103
10
203
20
503
50
Code
Total resistance
(k Ω)
104
100
204
200
254
250
Total resistance
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
Rotation travel (
%)
Term."1"
Term."3"
J
A(15A)
B: For tone & general V: For vol.
Marked are specifications recommended by Alps.
Note
Slim SlideTM (Slim 4) / Ordering Products Not Listed


Similar Part No. - RS20H11AA019

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS20H11AA019 ALPS-RS20H11AA019 Datasheet
986Kb / 8P
   Compact total length of travel 15mm
logo
List of Unclassifed Man...
RS20H11AA019 ETC-RS20H11AA019 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS20H11AA019

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-H ALPS-RS-H Datasheet
986Kb / 8P
   Compact total length of travel 15mm
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
   Compact and good operational feel, suitable for mixing console faders
RKJXU ALPS-RKJXU Datasheet
785Kb / 2P
   Omnidirectional input device realizing a smooth operating feel
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
   Low-profile tilting stick controller with excellent operating feel
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com