Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSA0N1219A03 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # RSA0N1219A03
Description  Low-profile type with excellent operability adds flexibility in set design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RSA0N1219A03 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  RSA0N1219A03 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RSA0N1219A03 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RSA0N1219A03 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RSA0N1219A03 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RSA0N1219A03 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RSA0N1219A03 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
410
RS □□ N Low-profile Master Type(N Fader)
Low-profile type with excellent operability
adds flexibility in set design
Product Line
Lever type
9-T
(T-Bar)
Length
of lever(mm)
8.2
Terminal style
For
PC board
Products No.
RS60N111900H
RSA0N111900Q
RS60N1219A04
RSA0N1219A03
Minimum order unit(pcs.)
Japan
Export
300
600
200
400
300
600
200
400
Drawing
No.
1
2
3
4
Number of
resistor elements
Single-unit
Dual-unit
Travel
(mm)
60
60
100
100
Resistance
taper
15A
Total resistance
(k Ω)
10
Other varieties are also available. Refer to "Other Specifications" (P.412).
Note
Refer to P.412 for other specifications.
Refer to P.412 for details of lever types.
Refer to P.413 for ordering products not listed.
Refer to P.426 for soldering conditions
Typical Specifications
Items
Specifications
Total resistance tolerance
±20%
Maximum operating voltage
150V AC(RS60N Series)
350V AC(RSA0N Series)
Operating force
Single-unit
0.3+0.5
−0.25 N
Dual-unit
0.4+0.5
−0.35 N
Operating life
30,000 cycles
Operating temperature range
−10℃ to +60℃
Packing Specifications
Tray
Travel(mm)
Number of packages(pcs.)
Export package measurements
(mm)
1 case /Japan
1 case /export packing
60
300
600
377×517×371
100
200
400


Similar Part No. - RSA0N1219A03

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSA0N1219A03 ALPS-RSA0N1219A03 Datasheet
206Kb / 5P
   Low-profile Master Type竊뉿 Fader竊
RSA0N1219A03 ALPS-RSA0N1219A03 Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
logo
List of Unclassifed Man...
RSA0N1219A03 ETC-RSA0N1219A03 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RSA0N1219A03

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSN ALPS-RSN Datasheet
857Kb / 6P
   Low-profile type with excellent operability adds flexibility in set design
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
   Low-profile 6.4mm height contributes to flexibility in set design
PTMBL1A ALPS-PTMBL1A Datasheet
565Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1E ALPS-PTMBL1E Datasheet
556Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
PTMBL1B ALPS-PTMBL1B Datasheet
519Kb / 2P
   Contributing to set design flexibility with compact and lightweight mechanisms.
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com