Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS60N11M9A0E Datasheet(PDF) 8 Page - ALPS ELECTRIC CO.,LTD.

Part # RS60N11M9A0E
Description  Provides a superior operational feel with high-speed tracking in motor drive mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS60N11M9A0E Datasheet(HTML) 8 Page - ALPS ELECTRIC CO.,LTD.

  RS60N11M9A0E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0E Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0E Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0E Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0E Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0E Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS60N11M9A0E Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
426
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Series
Tip temperature
Duration of
Soldering time
No. of solders
RS□□1, RS□□H, RS08U,
RS□□K(Standard),RS□□N,
RS□□N11S, RS6011□P,
RS□□N1□M,
RSA0K1□V(Motor terminal)
350℃ max.
3s max.
1 time
Series
Preheating
Dip soldering
Number of soldering
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RS□□1, RS□□H,
RS□□N, RS□□N11S,
RS6011□P, RS□□N1□M
100℃ max.
1 min. max.
260℃
5s max.
1 time
Series
A
B
C
D
E
F
G
H
No. of reflows
RS08U
250℃
200℃
150℃
150℃
2 min.
3s
40s
4 min.
1 time
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a type that
uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air
reflow method. The temperature of the PC board and the surface temperature of the potentiometer may vary greatly depending
on the PC board material, its size and thickness. Ensure that the surface temperature of the potentiometer does not rise to
250°C or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Temperature profile
Slide Potentiometers / Soldering Conditions


Similar Part No. - RS60N11M9A0E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS60N11M9A0E ALPS-RS60N11M9A0E Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
logo
List of Unclassifed Man...
RS60N11M9A0E ETC-RS60N11M9A0E Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS60N11M9A0E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSN1M ALPS-RSN1M Datasheet
1Mb / 8P
   Provides a superior operational feel with high-speed tracking in motor drive mode
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
SunLED Corporation
XNH1ZMG46D SUNLED-XNH1ZMG46D Datasheet
232Kb / 3P
   Black casing provides superior contrast
XPT1LUG41D SUNLED-XPT1LUG41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XNH1ZUY46D SUNLED-XNH1ZUY46D Datasheet
216Kb / 3P
   Black casing provides superior contrast
XNK1LUG11DSMD SUNLED-XNK1LUG11DSMD Datasheet
236Kb / 4P
   Black casing provides superior contrast
XPZ3LUR11D SUNLED-XPZ3LUR11D Datasheet
233Kb / 3P
   Black casing provides superior contrast
XPT1LUY41D SUNLED-XPT1LUY41D Datasheet
243Kb / 3P
   Black casing provides superior contrast
XVB1LUYG59M SUNLED-XVB1LUYG59M Datasheet
245Kb / 3P
   Black casing provides superior contrast
XVB1LUG50D SUNLED-XVB1LUG50D Datasheet
239Kb / 3P
   Black casing provides superior contrast
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com