Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS6011DP6003 Datasheet(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

Part # RS6011DP6003
Description  Compact and good operational feel, suitable for mixing console faders
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS6011DP6003 Datasheet(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  RS6011DP6003 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS6011DP6003 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS6011DP6003 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS6011DP6003 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS6011DP6003 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
426
Reference for Manual Soldering
Example of Reflow Soldering Condition
Reference for Dip Soldering
300
200
100
A
B
C
Time (s)
G max.
F max.
H max.
E max.
Room
temperature
Pre-heating
D
Series
Tip temperature
Duration of
Soldering time
No. of solders
RS□□1, RS□□H, RS08U,
RS□□K(Standard),RS□□N,
RS□□N11S, RS6011□P,
RS□□N1□M,
RSA0K1□V(Motor terminal)
350℃ max.
3s max.
1 time
Series
Preheating
Dip soldering
Number of soldering
Soldering surface
temperature
Heating time
Soldering
temperature
Soldering time
RS□□1, RS□□H,
RS□□N, RS□□N11S,
RS6011□P, RS□□N1□M
100℃ max.
1 min. max.
260℃
5s max.
1 time
Series
A
B
C
D
E
F
G
H
No. of reflows
RS08U
250℃
200℃
150℃
150℃
2 min.
3s
40s
4 min.
1 time
1. When using an infrared reflow oven, solder may sometimes not be applied. Be sure to use a hot air reflow oven or a type that
uses infrared rays in combination with hot air.
2. The temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air
reflow method. The temperature of the PC board and the surface temperature of the potentiometer may vary greatly depending
on the PC board material, its size and thickness. Ensure that the surface temperature of the potentiometer does not rise to
250°C or greater.
3. Conditions vary to some extent depending on the type of reflow bath used. Be sure to give due consideration to this prior to use.
Notes
Temperature profile
Slide Potentiometers / Soldering Conditions


Similar Part No. - RS6011DP6003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS6011DP6003 ETC-RS6011DP6003 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS6011DP6003

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RK12L115 ALPS-RK12L115 Datasheet
793Kb / 3P
   Low-profile and good operational feel makes this excellent for car air conditioners
RSK ALPS-RSK Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
RK203 ALPS-RK203_15 Datasheet
1Mb / 5P
   Heavy rotation torque and good operational feel, available in potentiometer and encoder types
RS60K11A9010 ALPS-RS60K11A9010 Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
Seoul Semiconductor
YG104-IC1 SEOUL-YG104-IC1 Datasheet
276Kb / 13P
   Small size suitable for compact
logo
ALPS ELECTRIC CO.,LTD.
RK08H ALPS-RK08H_15 Datasheet
836Kb / 6P
   Compact type potentiometer suitable for volume and tone controls
RS15H113CA05 ALPS-RS15H113CA05 Datasheet
986Kb / 8P
   Compact total length of travel 15mm and improved operating feel
RK271 ALPS-RK271 Datasheet
814Kb / 6P
   High performance potentiometer with excellent operational feel
logo
Seoul Semiconductor
UY101-IE1 SEOUL-UY101-IE1 Datasheet
284Kb / 13P
   Small size suitable for compact appliances
WH104-NZ SEOUL-WH104-NZ Datasheet
1Mb / 13P
   Small size suitable for compact appliances
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com