Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS20H113C008 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # RS20H113C008
Description  Compact total length of travel 15mm and improved operating feel
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RS20H113C008 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  RS20H113C008 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RS20H113C008 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
400
Slim SlideTM(Slim 4)
RS □□ H
2
5
30
0.6
0.4
1.1
15
(R0.3)
Mounting surface
2
5
30
0.6
0.4
1.1
15
(R0.3)
Mounting surface
22.5
17.5
27.5
1
6-ø0.8 hole
2-ø1.6 hole
L
33'L
1' 2' 2
L: Lug terminal
4
Dimensions
Unit:mm
No.
5
Style
PC board mounting hole dimensions
(Viewed from mounting side)
27.5
22.5
32.5
1
6-ø0.8 hole
2-ø1.6 hole
L
33'L
1' 2' 2
L : Lug terminal
6
2
5
45
0.6
0.4
1.1
30
Mounting surface
(R0.3)
2
5
45
0.6
0.4
1.1
30
Mounting surface
(R0.3)
37.5
32.5
42.5
1
6-ø0.8 hole
2-ø1.6 hole
L
33'L
1' 2' 2
L : Lug terminal
7
30
2
5
4
(4.4)
3.5
15
(R0.3)
Mounting surface
30
2
5
4
(4.4)
3.5
15
(R0.3)
Mounting surface
8
35
2
5
4
(4.4)
3.5
20
Mounting surface
(R0.3)
35
2
5
4
(4.4)
3.5
20
Mounting surface
(R0.3)
1
3
30
35
L
2
L
L
L
L
4-ø0.8 hole
4-ø1.6 hole
L : Lug terminal
2
5
35
0.6
0.4
1.1
20
(R0.3)
Mounting surface
2
5
35
0.6
0.4
1.1
20
(R0.3)
Mounting surface
1
3
25
30
L
2
L
L
L
L
4-ø0.8 hole
4-ø1.6 hole
L : Lug terminal


Similar Part No. - RS20H113C008

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS20H113C008 ALPS-RS20H113C008 Datasheet
986Kb / 8P
   Compact total length of travel 15mm
logo
List of Unclassifed Man...
RS20H113C008 ETC-RS20H113C008 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - RS20H113C008

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RS-H ALPS-RS-H Datasheet
986Kb / 8P
   Compact total length of travel 15mm
RS6011P ALPS-RS6011P Datasheet
782Kb / 5P
   Compact and good operational feel, suitable for mixing console faders
RKJXU ALPS-RKJXU Datasheet
785Kb / 2P
   Omnidirectional input device realizing a smooth operating feel
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3_15 Datasheet
1Mb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
RKJXY ALPS-RKJXY Datasheet
676Kb / 2P
   Low-profile tilting stick controller with excellent operating feel
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
   Total voltage input within the range of 5 % of total voltage input.
logo
Shenzhen Huazhimei Semi...
HM1803 HMSEMI-HM1803 Datasheet
546Kb / 13P
   HM1803-SIP of Power Bank Total Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com