Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHFLVDS32AK1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHFLVDS32AK1
Description  Rad-hard quad LVDS receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS32AK1 Datasheet(HTML) 1 Page - STMicroelectronics

  RHFLVDS32AK1 Datasheet HTML 1Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 2Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 3Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 4Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 5Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 6Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 7Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 8Page - STMicroelectronics RHFLVDS32AK1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
March 2015
DocID025371 Rev 3
1/15
RHFLVDS32A
Rad-hard quad LVDS receivers
Datasheet
- production data
Features
 LVDS input
 CMOS output
 ANSI TIA/EIA-644 compliant
 400 Mbps (200 MHz)
 Cold spare on all pins
 Fail-safe function
 3.3 V operating power supply
 4.8 V absolute rating
 Power consumption: 43 mW at 3.3 V
 Hermetic package
 Large input common mode: -4 V to +5 V
 Guaranteed up to 300 krad TID
 SEL immune up to 135 MeV.cm²/mg
 SET/SEU immune up to 32 MeV.cm²/mg
Description
The RHFLVDS32A is a quad, low-voltage
differential signaling (LVDS) receiver specifically
designed, packaged and qualified for use in
aerospace environments in a low-power and fast
data transmission standard.
The circuit features an internal fail-safe function to
ensure a known state in case of an input short
circuit or a floating input.
All pins have cold spare buffers to ensure they are
in high impedance when VCC is tied to GND.
Designed on ST's proprietary CMOS process with
specific mitigation techniques, the RHFLVDS32A
achieves “best in the class” for hardness to total
ionisation dose and heavy ions.
The RHFLVDS32A can operate over a large
temperature range of -55 °C to +125 °C and it is
housed in an hermetic Ceramic Flat-16 package.
Ceramic Flat-16
The upper metallic lid is
electrically connected to ground
Table 1. Device summary
Reference
SMD pin
Quality level
Package Lead finish Mass
EPPL(1)
1.
EPPL = ESA preferred part list
Temp. range
RHFLVDS32AK1
-
Engineering
model
Ceramic
Flat-16
Gold
-
-
-55 °C to
125 °C
RHFLVDS32AK01V
5962F98652
QML-V Flight
Target
www.st.com


Similar Part No. - RHFLVDS32AK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
RHFLVDS325K01V STMICROELECTRONICS-RHFLVDS325K01V Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
RHFLVDS325K1 STMICROELECTRONICS-RHFLVDS325K1 Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
More results

Similar Description - RHFLVDS32AK1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFLVDS315 STMICROELECTRONICS-RHFLVDS315 Datasheet
302Kb / 15P
   Rad-hard quad LVDS driver
RHFLVDS325 STMICROELECTRONICS-RHFLVDS325 Datasheet
312Kb / 15P
   Rad-hard quad LVDS receiver
RHFLVDS31A STMICROELECTRONICS-RHFLVDS31A Datasheet
385Kb / 15P
   Rad-hard quad LVDS driver
April 2017 Rev 4
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
STMicroelectronics
RHFLVDSR2D2 STMICROELECTRONICS-RHFLVDSR2D2 Datasheet
437Kb / 17P
   Rad-hard dual LVDS driver-receiver
March 2015 Rev 3
M54HC4066 STMICROELECTRONICS-M54HC4066_04 Datasheet
265Kb / 11P
   RAD-HARD QUAD BILATERAL SWITCH
LEOLVDSRD STMICROELECTRONICS-LEOLVDSRD Datasheet
795Kb / 23P
   Rad-hard plastic LVDS driver-receiver
June 2022 Rev 4
RHFLVDS2281 STMICROELECTRONICS-RHFLVDS2281 Datasheet
393Kb / 17P
   Rad-hard, dual 4x4 crosspoint switch LVDS
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
   RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
RHFLVDS228A STMICROELECTRONICS-RHFLVDS228A Datasheet
374Kb / 16P
   Rad-hard, dual 4x4 crosspoint switch LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com