Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MP34DT01-M Datasheet(PDF) 4 Page - STMicroelectronics

Part No. MP34DT01-M
Description  MEMS audio sensor omnidirectional digital microphone
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT01-M Datasheet(HTML) 4 Page - STMicroelectronics

  MP34DT01-M Datasheet HTML 1Page - STMicroelectronics MP34DT01-M Datasheet HTML 2Page - STMicroelectronics MP34DT01-M Datasheet HTML 3Page - STMicroelectronics MP34DT01-M Datasheet HTML 4Page - STMicroelectronics MP34DT01-M Datasheet HTML 5Page - STMicroelectronics MP34DT01-M Datasheet HTML 6Page - STMicroelectronics MP34DT01-M Datasheet HTML 7Page - STMicroelectronics MP34DT01-M Datasheet HTML 8Page - STMicroelectronics MP34DT01-M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Acoustic and electrical specifications
MP34DT01-M
4/17
DocID026514 Rev 3
2
Acoustic and electrical specifications
2.1
Acoustic and electrical characteristics
The values listed in the table below are specified for Vdd = 1.8 V, Clock = 2.4 MHz,
T = 25 °C, unless otherwise noted.
Table 3. Acoustic and electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. (1)
1.
Typical specifications are not guaranteed.
Max.
Unit
Vdd
Supply voltage
1.64
1.8
3.6
V
Idd
Current consumption in
normal mode
Mean value
0.6
mA
IddPdn
Current consumption in
power-down mode (2)
2.
Input clock in static mode.
20
µA
Scc
Short-circuit current
1
10
mA
AOP
Acoustic overload point
120
dBSPL
So
Sensitivity
-29
-26
-23
dBFS
SNR
Signal-to-noise ratio
A-weighted at 1 kHz,
1 Pa
61
dB
PSR
Power supply rejection
Guaranteed by
design
-70
dBFS
Clock
Input clock frequency (3)
3.
Duty cycle: min = 40% max = 60%.
1
2.4
3.25
MHz
Ton
Turn-on time (4)
4.
Time from the first clock edge to valid output data.
Guaranteed by
design
10
ms
Top
Operating temperature
range
-40
+85
°C
VIOL
Low level logic
input/output voltage
Iout = 1 mA
-0.3
0.35xVdd
V
VIOH
High level logic
input/output voltage
Iout = 1 mA
0.65xVdd
Vdd+0.3
V
Table 4. Distortion specifications
Parameter
Test condition
Value
Distortion
100 dBSPL (1 kHz)
< 1% THD+N
Distortion
115 dBSPL (1 kHz)
< 2% THD+N
Distortion
120 dBSPL (1 kHz)
< 10% THD+N


Similar Part No. - MP34DT01-M

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01 STMICROELECTRONICS-MP34DT01 Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
More results

Similar Description - MP34DT01-M

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
MP34DT01TR STMICROELECTRONICS-MP34DT01TR Datasheet
883Kb / 20P
   MEMS audio sensor omnidirectional digital microphone
MP34DB01 STMICROELECTRONICS-MP34DB01 Datasheet
321Kb / 15P
   MEMS audio sensor omnidirectional digital microphone
MP34DB02 STMICROELECTRONICS-MP34DB02 Datasheet
372Kb / 17P
   MEMS audio sensor omnidirectional digital microphone
April 2016 Rev 2
MP34DT04 STMICROELECTRONICS-MP34DT04 Datasheet
649Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 3
MP45DT02 STMICROELECTRONICS-MP45DT02 Datasheet
362Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP34DT02 STMICROELECTRONICS-MP34DT02 Datasheet
762Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
MP45DT02-M STMICROELECTRONICS-MP45DT02-M Datasheet
415Kb / 16P
   MEMS audio sensor omnidirectional digital microphone
June 2016 Rev 1
MP34DT05 STMICROELECTRONICS-MP34DT05 Datasheet
633Kb / 21P
   MEMS audio sensor omnidirectional digital microphone
November 2016 Rev 1
IMP34DT05 STMICROELECTRONICS-IMP34DT05 Datasheet
1Mb / 20P
   MEMS audio sensor omnidirectional digital microphone for industrial applications
Rev 3 - April 2019
MP45DT01 STMICROELECTRONICS-MP45DT01 Datasheet
375Kb / 11P
   MEMS audio sensor omni-directional digital microphone
August 2010 Rev 1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz